Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FHCS Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # SM5010FHCS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHCS Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button SM5010FHCS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 18Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —14
5010FH
× series
5V operation: VDD = 4.5 to 5.5V, VSS = 0V
30
≤ f ≤ 50MHz: Ta = −20 to +80°C, 50 < f ≤ 60MHz: Ta = −15 to +75°C unless otherwise noted.
5010HN
×, HK× series
5V operation: VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 4mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 4mA
–
0.3
0.5
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF
5010FHA, FHC
f = 40MHz
–13
26
mA
5010FHD
f = 50MHz
–15
30
5010FHE
f = 60MHz
–17
34
INHN pull-up resistance
RUP
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
5010FHA
3.57
4.2
4.83
k
Ω
5010FHC
2.63
3.1
3.57
5010FHD
1.87
2.2
2.53
5010FHE
1.87
2.2
2.53
Built-in capacitance
CG
Design value. A monitor pattern on a
wafer is tested.
5010FHA
11.7
13
14.3
pF
5010FHC
9.9
11
12.1
5010FHD
11.7
13
14.3
5010FHE
7.2
8
8.8
CD
5010FHA
13.5
15
16.5
5010FHC
15.3
17
18.7
5010FHD
15.3
17
18.7
5010FHE
13.5
15
16.5
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 16mA
3.9
4.2
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 16mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
2.0
–
–
V
LOW-level input voltage
VIL
INHN
–
–
0.8
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
Current consumption
IDD1
Measurement cct 3, load cct 2,
INHN = open, CL = 15pF, f = 50MHz
5010HK1
–
20
40
mA
IDD2
Measurement cct 3, load cct 1,
INHN = open, CL = 50pF, f = 50MHz
5010HN1
–
25
50
INHN pull-up resistance
RUP
Measurement cct 4
40
100
250
k
Ω
Feedback resistance
Rf
Measurement cct 5
80
200
500
k
Ω
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
11.7
13
14.3
pF
CD
15.3
17
18.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com