Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5010FHCS Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5010FHCS
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5010FHCS Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5010FHCS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5010FHCS Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —6
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
3V operation
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
−0.5 to +7.0
V
Input voltage range
VIN
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
−0.5 to VDD + 0.5
V
Operating temperature range
Topr
−40 to +85
°C
Storage temperature range
Tstg
Chip form
−65 to +150
°C
8-pin SOP
−55 to +125
Output current
IOUT
AH
×, BH×, FH×, EA×
10
mA
AN
×, AK×, BN×, BK×, CL×, DN×,
FN
×, HN×, HK×
25
Power dissipation
PD
8-pin SOP
500
mW
Parameter
Symbol
Version
Condition
Rating
Unit
Operating supply voltage
VDD
All version
2.7 to 3.6
V
Input voltage
VIN
All version
VSS to VDD
V
Operating temperature
TOPR
5010AN
×
−10 to +70
°C
5010AH
×
5010BN
×
5010BH
×
5010CL
×−20 to +80
5010DN1
−10 to +70
5010EA
×
5010FN
×
Operating frequency
f
5010AN
×
CL ≤ 15pF
2 to 30
MHz
5010AH
×
2 to 16
5010BN
×
2 to 30
5010BH
×
2 to 16
5010CL
×
2 to 30
5010DN1
5010EA
×
5010FN
×
22 to 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com