Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R71 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5531ACPZ-R71
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R71 Datasheet(HTML) 3 Page - Analog Devices

  ADL5531ACPZ-R71 Datasheet HTML 1Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 2Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 3Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADL5531
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
20
500
MHz
Gain (S21)
190 MHz
20.3
dB
Input Return Loss (S11)
190 MHz
−19.5
dB
Output Return Loss (S22)
190 MHz
−26.5
dB
Reverse Isolation (S12)
190 MHz
−23.0
dB
FREQUENCY = 70 MHz
Gain
20.9
dB
vs. Frequency
± 5 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.22
dB
vs. Supply
4.75 V to 5.25 V
±0.19
dB
Output 1 dB Compression Point
20.4
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
41.0
dBm
Noise Figure
2.5
dB
FREQUENCY = 190 MHz
Gain
19.7
20.3
21.0
dB
vs. Frequency
± 50 MHz
±0.12
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.22
dB
vs. Supply
4.75 V to 5.25 V
±0.17
dB
Output 1 dB Compression Point
20.6
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
39.0
dBm
Noise Figure
2.5
dB
FREQUENCY = 380 MHz
Gain
19.2
19.7
20.5
dB
vs. Frequency
± 50 MHz
±0.15
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.24
dB
vs. Supply
4.75 V to 5.25 V
±0.15
dB
Output 1 dB Compression Point
20.4
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = 0 dBm per tone
36.0
dBm
Noise Figure
3.0
dB
POWER INTERFACE
Pin RFOUT
Supply Voltage
4.75
5
5.25
V
Supply Current
100
110
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
±15
mA
Power Dissipation
VPOS = 5 V
0.5
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com