Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R71 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5531ACPZ-R71
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R71 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5531ACPZ-R71 Datasheet HTML 3Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADL5531
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
2
4
6
8
10
12
14
16
18
20
22
0
50
100
150
200
250
300
350
400
450
500
12
15
18
21
24
27
30
33
36
39
42
45
GAIN
NF
OIP3
P1dB
Figure 3. Noise Figure (NF), Gain, P1dB, and OIP3 vs. Frequency
19.0
19.2
19.4
19.6
19.8
20.0
20.2
20.4
20.6
20.8
21.0
21.2
21.4
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 4. Gain vs. Frequency and Temperature
–40
–35
–30
–25
–20
–15
–10
–5
0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
S12 (dB)
S11 (dB)
S22 (dB)
Figure 5. Input Return Loss, Output Return Loss, and Reverse Isolation vs.
Frequency
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
0
50
100
150
200
250
300
350
400
450
500
26
28
30
32
34
36
38
40
42
FREQUENCY (MHz)
+25°C
–40°C
+85°C
+25°C
+85°C
–40°C
Figure 6. OIP3 and P1dB vs. Frequency and Temperature
24
26
28
30
32
34
36
38
40
42
–8 –6 –4 –2
02468
10 12 14 16 18 20
POUT PER TONE (dBm)
70MHz
20MHz
500MHz
380MHz
190MHz
Figure 7. OIP3 vs. Output Power (POUT) and Frequency
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 8. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com