Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R71 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5531ACPZ-R71
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R71 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5531ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADL5531
Rev. 0 | Page 9 of 12
BASIC CONNECTIONS
The basic connections for operating the ADL5531 are shown
in Figure 15. The input and output are ac-coupled with 10 nF
(0402) capacitors. DC bias is provided to the amplifier via an
inductor (Coilcraft 1008CS-471XJLC or equivalent) connected
to the RFOUT pin. The bias voltage should be decoupled using
10 nF and 1 μF capacitors.
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 14 shows the recommended land pattern for ADL5531.
To minimize thermal impedance, the exposed paddle on the
package underside is soldered down to a ground plane. If
multiple ground layers exist, they are stitched together using
vias (a minimum of five vias is recommended). Pin 1, Pin 3,
Pin 4, Pin 6 and Pin 8 can be left unconnected or can be
connected to ground. Connecting these pins to ground slightly
enhances thermal impedance. For more information on land
pattern design and layout, refer to Application Note AN-772, A
Design and Manufacturing Guide for the Lead Frame Chip Scale
Package (LFCSP).
1.53mm
2.03mm
4
5
8
0.71mm
1
Figure 14. Recommended Land Pattern
5
CLIN
8
NC
NC
NC = NO CONNECT
RFIN
RFOUT
L1
470nH
4
6
NC
RFIN
2
7
RFOUT
NC
3
NC
ADL5531
1
C1
10nF
C3
1nF
C5
10nF
C2
10nF
C6
1µF
VPOS
(TESTLOOP RED)
GND
(TESTLOOP BLACK)
W1
Figure 15. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com