Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5531ACPZ-R71 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5531ACPZ-R71
Description  20 MHz to 500 MHz IF Gain Block
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5531ACPZ-R71 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5531ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADL5531ACPZ-R71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADL5531
Rev. 0 | Page 8 of 12
0
5
10
15
20
25
30
35
40
45
37.5
37.9
38.3
38.7
39.1
39.5
39.9
40.3
OIP3 (dBm)
Figure 9. OIP3 Distribution at 190 MHz
0
10
20
30
40
50
60
20.0
20.2
20.4
20.6
20.8
21.0
21.2
21.4
P1dB (dBm)
Figure 10. P1dB Distribution at 190 MHz
0
5
10
15
20
25
30
35
40
45
50
19.7
19.9
20.1
20.3
20.5
20.7
20.9
19.8
20.0
20.2
20.4
20.6
20.8
21.0
GAIN (dB)
Figure 11. Gain Distribution at 190 MHz
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Figure 12. Noise Figure vs. Frequency at 25°C, Multiple Devices Shown
50
60
70
80
90
100
110
120
130
140
150
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
5V
4.75V
5.25V
Figure 13. Supply Current vs. Supply Voltage and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com