Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2004F Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPD2004F
Description  2-channel Squib Driver for Air Bags
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2004F Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD2004F Datasheet HTML 2Page - Toshiba Semiconductor TPD2004F Datasheet HTML 3Page - Toshiba Semiconductor TPD2004F Datasheet HTML 4Page - Toshiba Semiconductor TPD2004F Datasheet HTML 5Page - Toshiba Semiconductor TPD2004F Datasheet HTML 6Page - Toshiba Semiconductor TPD2004F Datasheet HTML 7Page - Toshiba Semiconductor TPD2004F Datasheet HTML 8Page - Toshiba Semiconductor TPD2004F Datasheet HTML 9Page - Toshiba Semiconductor TPD2004F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TPD2004F
2006-10-31
7
Electrical Characteristics (Tj = -40~85°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VBB
―
4
―
25
Operating Supply Voltage
VCC
―
4.75
―
5.25
V
VBB = 24V, when diagnosed,
CCRef = 20kΩ
―
35
100
IBB
VBB = 24V, when not diagnosed
―
0.1
1
VCC = 5.25V, when diagnosed
―
5
10
Supply Current
ICC
VCC = 5.25V, when not diagnosed
―
3
6
mA
VIL
INPUT “L”
―
―
VCC×
0.3
Input Voltage
VIH
INPUT “H”
VCC×
0.7
―
―
V
VIN = 0V (Pull-down)
―
―
±10
IIL
VIN = 0V (Pull-up)
―
-50
-200
VIN = VCC (Pull-down)
―
50
200
Input Current
IIH
VIN = VCC (Pull-up)
―
―
±10
μA
VBB = 9V, VCC = 4.75V, ID = 1A
―
0.6
1
Squib Driver ON-Resistance
RDS (ON) SQ
VBB = 9V, VCC = 4.75V, ID = 3A
―
0.7
1.2
Ω
High Side
IOLSQ (H)
VOUT = 25V
―
―
0.1
VOUT = VCC
―
―
0.1
Squib Driver Output
Leakage Current
Low Side
IOLSQ (L)
VOUT = 25V
―
―
1
mA
Diagnostic Amp Amplification Factor
AMPGAIN
VCC = 4.75V,
AMPVCOMM = 3V, Tj = 25°C
18
20
22
Diagnostic Amp Offset Voltage
AMPOFFSET
VCC = 4.75V,
AMPVCOMM = 3V, Tj = 25°C
―
―
±10
mV
Diagnostic Amp Differential Input Voltage
Range
AMPVDEF
VCC = 4.75V, ISH = 100mA,
AMPVCOMM = 3V, Tj = 25°C
200
―
―
mV
Diagnostic Amp In-phase Input Voltage
Range
AMPVCOMM
―
3.0
―
―
V
Diagnostic Amp Output Saturation Voltage
VAMPSAT
―
VCC-1
―
―
V
Diagnostic Constant-current Source
ISHDIAGCC
CCRef = 20kΩ
28
35
45
mA
VDIAGSQ
RSQ = 2Ω, ISH = 35mA,
IAO = 5μA
900
1400
1900
Diagnostic Output Voltage
VDIAGREF
RREF = 2Ω, ISH = 35mA,
IAO = 5μA
900
1400
1900
mV
Diagnostic Output Relative Accuracy
VDIAGDEV
RSQ = RREF = 2Ω, ISH = 35mA,
IAO = 5μA
-10
0
10
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com