Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2004F Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TPD2004F
Description  2-channel Squib Driver for Air Bags
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2004F Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TPD2004F Datasheet HTML 2Page - Toshiba Semiconductor TPD2004F Datasheet HTML 3Page - Toshiba Semiconductor TPD2004F Datasheet HTML 4Page - Toshiba Semiconductor TPD2004F Datasheet HTML 5Page - Toshiba Semiconductor TPD2004F Datasheet HTML 6Page - Toshiba Semiconductor TPD2004F Datasheet HTML 7Page - Toshiba Semiconductor TPD2004F Datasheet HTML 8Page - Toshiba Semiconductor TPD2004F Datasheet HTML 9Page - Toshiba Semiconductor TPD2004F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TPD2004F
2006-10-31
8
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
R1
―
40
80
280
Diagnostic Resistance Value
R2
―
10
20
70
kΩ
Diagnostic Voltage Dividing Ratio
VDIV
―
0.17
0.2
0.23
―
Diagnostic Resistance Relative Accuracy
RDEV
(Measured between SS1, SQ1-,
SS2, SQ2-)
-5
0
5
%
TPLH
―
100
200
Switching Time
(High-side SW)
TPHL
―
10
50
TPLH
―
10
50
Switching Time
(Low-side SW)
TPHL
VBB = 25V, Rload, ID = 3A
―
10
50
μs
TDLH
―
120
250
High-side Driver
Diagnosis
TDHL
―
50
100
TDLH
―
20
80
Low-side Driver
Diagnosis
TDHL
―
40
80
TDLH
―
30
60
Diagnosis Switchover
Time
Other Diagnosis
TDHL
VBB = 25V, Rload, R = 2Ω
―
50
100
μs
Note:
The short diagnosis monitor current in cases when the CCADJ pin is shorted to GND is 100mA (max) (at all
temperatures).
Note:
Short diagnosis must be completed within 15ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com