Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2004F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD2004F
Description  2-channel Squib Driver for Air Bags
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2004F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD2004F Datasheet HTML 1Page - Toshiba Semiconductor TPD2004F Datasheet HTML 2Page - Toshiba Semiconductor TPD2004F Datasheet HTML 3Page - Toshiba Semiconductor TPD2004F Datasheet HTML 4Page - Toshiba Semiconductor TPD2004F Datasheet HTML 5Page - Toshiba Semiconductor TPD2004F Datasheet HTML 6Page - Toshiba Semiconductor TPD2004F Datasheet HTML 7Page - Toshiba Semiconductor TPD2004F Datasheet HTML 8Page - Toshiba Semiconductor TPD2004F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPD2004F
2006-10-31
1
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS IC
TPD2004F
2-channel Squib Driver for Air Bags
Manufactured through the Bi-CMOS-DMOS process, this 2-channel squib
drive IPD is designed for use in SRS electronic system air bags.
Features
Using independent four-channel inputs, this IC controls two high-side
and two low-side switches, making it possible to drive two squibs directly.
Incorporates various diagnostic functions (analog multiplexer outputs):
• Squib short-to-battery diagnosis
• Squib short-to-ground diagnosis
• Squib open-circuit diagnosis
• Safing sensor-ON fault diagnosis
• High-redundancy, upstream arrangement for safing sensor
• Squib short diagnosis
• Squib drive MOSFET diagnosis
Chip select function allows for multi-channel structure to be materialized using minimum control lines.
Comes in a 24-pin SSOP surface mount package.
Supports embossed taping.
Pin Assignment (top view)
Marking
Note:
Due to its MOS structure, this
product is sensitive to static
electricity.
Weight: 0.29g (typ.)
TPD200 4F
Lot No.
A dot indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - TPD2004F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F Datasheet
379Kb / 10P
SILICON MONOLITHIC POWER MOS IC
More results

Similar Description - TPD2004F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
Four Channel Squib Driver IC
33797 FREESCALE-33797 Datasheet
905Kb / 34P
Four Channel Squib Driver IC
logo
Texas Instruments
TPIC71008-Q1 TI1-TPIC71008-Q1 Datasheet
556Kb / 10P
Eight-Channel Squib Drivers
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
Dual Channel Squib Drivers
logo
Freescale Semiconductor...
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
Four Channel Squib Driver IC
logo
STMicroelectronics
L9659 STMICROELECTRONICS-L9659 Datasheet
577Kb / 51P
Octal squib driver ASIC for safety application
19-Sep-2013
L9660 STMICROELECTRONICS-L9660 Datasheet
625Kb / 49P
Quad squib driver ASIC for safety application
19-Sep-2013
logo
JST Mfg. Co., Ltd.
SQN JST-SQN Datasheet
124Kb / 3P
Squib connectors
logo
STMicroelectronics
L9654 STMICROELECTRONICS-L9654 Datasheet
2Mb / 59P
Quad squib driver and dual sensor interface ASIC for safety application
12-Nov-2013
logo
Texas Instruments
DRV3901-Q1 TI-DRV3901-Q1 Datasheet
1Mb / 16P
DRV3901-Q1 Single Channel Squib Driver For Automotive EV Pyro-Fuse
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com