Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2004F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD2004F
Description  2-channel Squib Driver for Air Bags
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2004F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD2004F Datasheet HTML 1Page - Toshiba Semiconductor TPD2004F Datasheet HTML 2Page - Toshiba Semiconductor TPD2004F Datasheet HTML 3Page - Toshiba Semiconductor TPD2004F Datasheet HTML 4Page - Toshiba Semiconductor TPD2004F Datasheet HTML 5Page - Toshiba Semiconductor TPD2004F Datasheet HTML 6Page - Toshiba Semiconductor TPD2004F Datasheet HTML 7Page - Toshiba Semiconductor TPD2004F Datasheet HTML 8Page - Toshiba Semiconductor TPD2004F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPD2004F
2006-10-31
3
Pin Description
Pin No.
Symbol
Pin Description
1
SQ1+
Squib positive (+) side output pin for channel 1
2
HSD1
High-side driver control input pin for Channel 1 (pull-down)
3
SS1
Safing sensor connect pin for channel 1
4
VBB
Backup block power supply input pin
5
SHTD
Control input pin for short diagnosis (pull-down)
6
ENB
INHIBIT input pin to inhibit ignition when this input is pulled low (pull-down)
7
AO
Analog multiplexer output pin
8
LSD1
Low-side driver control input pin for Channel 1 (pull-up)
9
SELT
Control input pin for switching between diagnosis line and analog multiplexer (pull-down)
10
SQ1-
Squid negative (-) side output pin for channel 1
(shared with reference resistor pin for short diagnosis)
11
SQ1REF
Shorting diagnosis reference resistor pin for channel 1
12, 13
GND
Ground pin (Two pins)
14
SQ2REF
Shorting diagnosis reference resistor pin for Channel 2
15
SQ2-
Squib negative (-) side output pin for channel 2 (shared with reference resistor pin shorting diagnosis)
16
SQS
Squib switchover control input pin during each squib diagnosis (pull-down)
17
LSD2
Low-side driver control input pin for Channel 2 (pull-up)
18, 19
VCC
5V block power supply input pin (two pins)
20
CS
Chip select control input pin (pull-up)
21
CCADJ
Current setup resistor connect pin for short diagnosis constant-current source (reference resistor
connect pin)
22
SS2
Safing sensor connect pin for Channel 2
23
HSD2
High-side driver control input pin for Channel 2 (pull-down)
24
SQ2+
Squib positive (+) side output pin for Channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com