Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2007F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD2007F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2007F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD2007F Datasheet HTML 1Page - Toshiba Semiconductor TPD2007F Datasheet HTML 2Page - Toshiba Semiconductor TPD2007F Datasheet HTML 3Page - Toshiba Semiconductor TPD2007F Datasheet HTML 4Page - Toshiba Semiconductor TPD2007F Datasheet HTML 5Page - Toshiba Semiconductor TPD2007F Datasheet HTML 6Page - Toshiba Semiconductor TPD2007F Datasheet HTML 7Page - Toshiba Semiconductor TPD2007F Datasheet HTML 8Page - Toshiba Semiconductor TPD2007F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPD2007F
2006-10-31
4
Truth Table
Input Signal
Output Signal
State
L
H
H
L
Normal
L
H
H
Internally limited
Overcurrent protection
L
H
H
H
Overtemperature protection
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
40
V
Input voltage
VIN
−0.5 ~ 7
V
Output current
ID
Internally
Limited
A
0.8
Power dissipation
(operating all channels, ta = 25°C)
PT
1.2 (Note)
W
Single pulse avalanche energy
EAS
10
mJ
Operating temperature
Topr
−40 ~ 85
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 ~ 150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Rating
Unit
156.3
Thermal resistance junction to
ambient
(operating all channels, ta = 25°c)
ΣRth (j-a)
104.2 (Note)
°C / W
Note: 60 mm × 60 mm × 1.6 mm when mounted on a glass epoxy PCB (DC)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com