Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2007F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPD2007F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2007F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPD2007F Datasheet HTML 1Page - Toshiba Semiconductor TPD2007F Datasheet HTML 2Page - Toshiba Semiconductor TPD2007F Datasheet HTML 3Page - Toshiba Semiconductor TPD2007F Datasheet HTML 4Page - Toshiba Semiconductor TPD2007F Datasheet HTML 5Page - Toshiba Semiconductor TPD2007F Datasheet HTML 6Page - Toshiba Semiconductor TPD2007F Datasheet HTML 7Page - Toshiba Semiconductor TPD2007F Datasheet HTML 8Page - Toshiba Semiconductor TPD2007F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TPD2007F
2006-10-31
1
TOSHIBA Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
TPD2007F
Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
The TPD2007F is an 8-channel low-side switch array. The IC
has a vertical MOSFET output which can be directly driven from
a CMOS or TTL logic circuit (e.g., an MPU). It offers overcurrent
and overtemperature protection functions.
Features
• 8-channel low-side switch array incorporating an N-channel
power MOSFET (1.4Ω max)
• Can directly drive a power load from a microprocessor.
• Built-in protection against overtemperature and overcurrent
• 8-channel access enables space-saving design.
• High operating voltage: 40 V
• Low on-resistance: 1.4 Ω max @VIN = 5 V, ID = 0.5 A (per channel)
• Supports parallel operation.
• Built-in active clamp circuit
• Supplied in an SSOP-24 package (300 mil) in embossed taping.
Pin Assignment
Marking
Note: This product has a MOS structure and is sensitive to electrostatic discharge. When handling this product,
ensure that the environment is protected against electrostatic discharge.
Weight: 0.29 g (typ.)
TPD200 7F
Lot No.
A dot indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Similar Part No. - TPD2007F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
More results

Similar Description - TPD2007F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD1011S TOSHIBA-TPD1011S Datasheet
352Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS SOLENOIDS AND LAMP DRIVERS
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
TPD1033F TOSHIBA-TPD1033F Datasheet
319Kb / 10P
HIGH SIDE POWER SWITCH FOR MOTORS, SOLENOIDS AND LAMP DRIVERS
TPD1024AS TOSHIBA-TPD1024AS Datasheet
292Kb / 7P
Low-Side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1008SA TOSHIBA-TPD1008SA_07 Datasheet
762Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024AS TOSHIBA-TPD1024AS_07 Datasheet
417Kb / 7P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1024S TOSHIBA-TPD1024S_07 Datasheet
345Kb / 8P
Low-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1033F TOSHIBA-TPD1033F_07 Datasheet
427Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD1034F TOSHIBA-TPD1034F_07 Datasheet
456Kb / 11P
High-side Power Switch for Motors, Solenoids, and Lamp Drivers
TPD2005F TOSHIBA-TPD2005F_07 Datasheet
439Kb / 11P
Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com