Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2007F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPD2007F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2007F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPD2007F Datasheet HTML 1Page - Toshiba Semiconductor TPD2007F Datasheet HTML 2Page - Toshiba Semiconductor TPD2007F Datasheet HTML 3Page - Toshiba Semiconductor TPD2007F Datasheet HTML 4Page - Toshiba Semiconductor TPD2007F Datasheet HTML 5Page - Toshiba Semiconductor TPD2007F Datasheet HTML 6Page - Toshiba Semiconductor TPD2007F Datasheet HTML 7Page - Toshiba Semiconductor TPD2007F Datasheet HTML 8Page - Toshiba Semiconductor TPD2007F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TPD2007F
2006-10-31
3
Pin Description
Pin No.
Symbol
Description
1
GND
GND pin; in common with the pin no.12 internally.
2
N.C.
―
3
IN1
Control input pin for channel 1 and built-in pull-down resistor (300 kΩ typ.)
4
IN2
Control input pin for channel 2 and built-in pull-down resistor (300 kΩ typ.)
5
IN3
Control input pin for channel 3 and built-in pull-down resistor (300 kΩ typ.)
6
IN4
Control input pin for channel 4 and built-in pull-down resistor (300 kΩ typ.)
7
IN5
Control input pin for channel 5 and built-in pull-down resistor (300 kΩ typ.)
8
IN6
Control input pin for channel 6 and built-in pull-down resistor (300 kΩ typ.)
9
IN7
Control input pin for channel 7 and built-in pull-down resistor (300 kΩ typ.)
10
IN8
Control input pin for channel 8 and built-in pull-down resistor (300 kΩ typ.)
11
N.C.
―
12
GND
GND pin; in common with the pin no.1 internally.
13
N.C.
―
14
N.C.
―
15
OUT8
Output pin for channel 8
16
OUT7
Output pin for channel 7
17
OUT6
Output pin for channel 6
18
OUT5
Output pin for channel 5
19
OUT4
Output pin for channel 4
20
OUT3
Output pin for channel 3
21
OUT2
Output pin for channel 2
22
OUT1
Output pin for channel 1
23
N.C.
―
24
N.C.
―
Timing Chart
Note: The overheating detector circuits feature hysteresis. After overheating is detected, normal operation is
restored only when the junction temperature falls by the hysteresis amount (10°C typ.) in relation to the
overheating detection temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com