Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD2007F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD2007F
Description  Low-Side Power Switch Array (8 Channels) for Motors, Solenoids, and Lamp Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD2007F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD2007F Datasheet HTML 1Page - Toshiba Semiconductor TPD2007F Datasheet HTML 2Page - Toshiba Semiconductor TPD2007F Datasheet HTML 3Page - Toshiba Semiconductor TPD2007F Datasheet HTML 4Page - Toshiba Semiconductor TPD2007F Datasheet HTML 5Page - Toshiba Semiconductor TPD2007F Datasheet HTML 6Page - Toshiba Semiconductor TPD2007F Datasheet HTML 7Page - Toshiba Semiconductor TPD2007F Datasheet HTML 8Page - Toshiba Semiconductor TPD2007F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPD2007F
2006-10-31
5
Electrical Characteristics
(Unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Drain-source clamp voltage
V (BR) DSS
―
ID = 10 mA, VIN = 0 V
40
―
―
V
Input voltage
Vth
―
VDS = 24 V, IDS = 1 mA
0.8
―
2.0
V
IIL
―
VIN = 0 V
−10
―
10
Input current
IIH
―
VIN = 5 V
―
140
300
μA
On resistance
RDS(ON)
―
VIN = 5 V, IO = 0.5 A
―
1.0
1.4
Ω
Off current
IDSS
―
VDS = 40V
―
―
100
μA
IS(1)
―
VDS = 12 V, VIN = 5 V,
RL = 3Ω
1
2
3
Overcurrent protection
IS(2)
―
VDS = 30 V, VIN = 5 V,
RL = 3Ω
0.7
―
2
A
Temperature
TSD
―
VIN = 5 V
―
160
―
Overtemperature
Protection
Hysteresis
ΔTSD
―
―
―
10
―
°C
tON
1
―
10
50
Switching time
tOFF
1
VDD = 12 V, RL = 24Ω,
VIN = 0 V / 5 V
―
10
50
μs
Operating input voltage
protection circuit
VIN(P)
―
―
3.9
―
6.0
V
Drain-source diode forward voltage
VDSF
―
IF = 1 A, VIN = 0 V
―
―
1.6
V
Description of Protector Circuit
(1)
Overtemperature Protection
• The overheating detector circuits feature hysteresis. After overheating is detected, normal operation
is restored only when the junction temperature falls by the hysteresis amount (10°C typ.) in relation
to the overheating detection temperature.
(2)
Overcurrent Protection
• When overcurrent is detected, the overcurrent limiter function limits the output current. Normal
operation is restored when the load current drops below the overcurrent detection value.
Test Circuit
Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com