Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3911 Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 41Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 42Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 43Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 44Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 45Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 46Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 47Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 48Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 462 page
background image
Chapter 1 TMPR3911/12 Overview
1-3
Figure 1.1.2 shows a block diagram of the TMPR3911/12. The key functions and features for each
TMPR3911/12 module are itemized below.
Processor core Module
•
TX39/H Processor core
•
full 32-bit operation (registers, instructions, addresses, etc.)
•
32 general purpose 32-bit registers; 32-bit program counter
•
MIPS RISC Instruction Set Architecture (ISA) supported
•
Translation Look-aside Buffer (TLB) (4K Page size, 32 entries)
•
on-chip cache
•
4 Kbyte instruction cache (I-cache)
•
physical address tag and valid bit per cache line
•
programmable burst size
•
instruction streaming mode supported
•
direct-mapped
•
1 Kbyte data cache (D-cache)
•
physical address tag and valid bit per cache line
•
programmable burst size
•
write-through
•
two-way set associative
•
cache address snoop mode supported for DMA
•
4-level deep write buffer
•
high-speed multiplier/accumulator
•
on-chip hardware multiplier
•
supports 32
× 32 multiplier operations, with 64-bit accumulator
•
existing multiply instructions are enhanced and new multiply and add instructions are added to the
R3000A instruction set to improve the performance of DSP applications
•
Processor core interface
•
handles data bus, address bus, and control interface between Processor core and rest of the
TMPR3911/12 logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com