Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3911 Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 462 page
background image
Chapter 2 Pin Descriptions
2-29
AB
C
D
E
F
G
H
J
K
L
M
N
P
R
1
3
D[1]
(D[25])
1
VDDH
2
D[0]
(D[24])
5
D[3]
(D[27])
9
D[5]
(D[29])
13
D[9]
(D[17])
17
D[12]
(D[20])
21
VDDH
28
VDDH
33
SIBSYNC
37
SIBIRQ*
40
IO[5]
43
CHIDIN
44
CHIDOUT
47
IO[4]
2
176
DQML
(DQMH)
174
N.C.
4
D[2]
(D[26])
10
D[6]
(D[30])
12
D[8]
(D[16])
16
D[11]
(D[19])
22
ENDIAN
24
MBUSINT
26
VSS
31
VSS
35
SIBDOUT
38
MIOX[0]
41
CHICLK
42
CHIFS
45
RXD
3
175
DQMH
(DQML)
172
DCLKIN
171
DCKE
7
D[4]
(D[28])
11
D[7]
(D[31])
15
VSS
20
D[15]
(D[23])
18
D[13]
(D[21])
27
MBUSCLK
30
SIBMCLK
34
SIBDIN
36
N.C.
39
IO[6]
48
IRIN
46
TXD
4
173
DCLKOUT
170
VDDH
168
CAS1*
(CAS2*)
6
VSS
8
VDDL
14
D[10]
(D[18])
19
D[14]
(D[22])
23
MIOX[1]
25
MBUSDATA
29
VDDL
32
SIBSCLK
50
VSS
52
CARDET
54
IO[3]
49
IROUT
5
169
CAS0*
(CAS3*)
167
CAS2*
(CAS1*)
166
CAS3*
(CAS0*)
164
RAS1*
N.C.
51
VDDL
55
IO[2]
56
SPICLK
53
RXPWR
6
165
RAS0*
163
DCS0*
162
VSS
161
A[0]
58
SPIOUT
59
TESTCPU
60
TESTIN
57
SPIIN
7
160
A[1]
158
A[2]
159
VDDL
157
A[3]
63
VCC3
64
BC32K
66
C32KIN
61
VIDDONE
8
153
VSS
156
A[4]
154
A[6]
155
A[5]
Bottom
View
67
C32KOUT
62
TESTAIU
68
VSS
65
VDDH
9
149
A[9]
152
A[7]
151
A[8]
150
VDDH
69
PWRCS
71
PWROK
70
PWRINT
72
ONBUTN
10
145
WE*
148
A[10]
147
A[11]
146
A[12]
75
VDDL
73
PON*
74
CPURES*
76
DISPON
11
141
VDDL
144
ALE
143
DREQ*
142
DGRNT*
77
FRAME
79
LOAD
78
DF
81
VSS
12
137
VDDH
140
VSS
139
RD*
138
CS0*
120
D[26]
(D[2])
116
D[25]
(D[5])
113
VDDL
111
SYSCLKOUT
107
CS2*
102
MCS3*
98
VDD-PLL
94
CARDIORD*
80
CP
82
VDAT[0]
85
VDAT[3]
13
134
VSS
136
D[16]
(D[8])
127
D[21]
(D[13])
124
D[23]
(D[15])
122
VDDH
118
D[27]
(D[3])
115
D[30]
(D[6])
106
CS3*
108
CS1*
103
MCS2*
99
CARDDIR*
95
CARDIOWR*
83
VDAT[1]
84
VDAT[2]
87
IO[1]
14
133
D[17]
(D[9])
130
VSS
128
D[20]
(D[12])
126
VSS
123
D[24]
(D[0])
119
VSS
114
D[31]
(D[7])
112
VSS
110
SYSCLKIN
104
MCS1*
100
CARD1CSL*
96
CARDREG*
92
IO[0]
86
VSS
88
VDDH
15
135
N.C.
132
VDDL
131
D[18]
(D[10])
129
D[19]
(D[11])
125
D[22]
(D[14])
121
D[25]
(D[1])
117
D[28]
(D[4])
109
VDDH
105
MCS0*
101
CARD1CSH*
97
CARD1WAIT*
93
VSS-PLL
90
CARD2CSH*
89
CARD2WAIT*
91
CARD2CSL*
YY
<- Pin No. of QFP
AAAA <- Singal Name on Big Endien Mode
(BBBB) <- Signal Name on Little Endien Mode
2.4.6
TMPR3911BXB Ball Assignment
P-FBGA177-1313-0.80C4
(
) should be used in Little-Endien mode. VDDH: 3.3 V/VDDL: 2.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com