Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3911 Datasheet(PDF) 67 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 67 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 71Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 462 page
background image
Chapter 2 Pin Descriptions
2-13
2.2.13
Endian Pin
ENDIAN:
INPUT
This pin is used to select the endianness. The high level input sets the endianness to the big
endian. The low level input sets the endianness to the little endian.
2.2.14
Test Pins
TESTAIU:
INPUT
If this pin is set to low during reset, ROM data bus width will be 16 bits wide.
If this pin is set to high during reset, ROM data bus width will be 32 bits wide.
When the DREQ* signal is asserted to request external arbitration, this pin must be set to low.
TESTCPU:
INPUT
Connect to GND.
TESTIN:
INPUT
Connect to GND.
2.2.15
Spare Pins
NC3-1:
NO CONNECT
These pins are reserved for future use and should be left unconnected.
2.2.16
Power Supply Pins
VDD:
+3.3 V
These pins are the power pins.
(In case of TMRP3912AU-92 and TMRP3912XB-92)
VSS:
GND
These pins are the ground pins for the TMPR3911/12.
VDDH:
+3.3 V
These pins are the power pins for I/O.
(In case of TMPR3911BU and TMPR3911BXB)
VDDL:
+2.6 V
These pins are the power pins for internal logic.
(In case of TMPR3911BU and TMPR3911BXB)
VDD (PLL):
+2.6 V
These pins are the power pins for PLL.
(In case of TMPR3911BU and TMPR3911BXB)
VSS (PLL):
GND
These pins are the ground pins for PLL.
(In case of TMPR3911BU and TMPR3911BXB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com