Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR3911 Datasheet(PDF) 62 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 62 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 58Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 59Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 60Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 61Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 62Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 63Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 64Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 65Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 66Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 462 page
background image
Chapter 2 Pin Descriptions
2-8
2.2.6
Magicbus Pins
MBUSCLK:
INPUT/OUTPUT
This pin is the bi-directional Magicbus clock signal. MBUSCLK is an input signal whenever the
TMPR3911/12 is in the slave mode and is an output signal whenever the TMPR3911/12 is in the
master mode.
MBUSDATA:
INPUT/OUTPUT
This pin is the bi-directional Magicbus data signal. MBUSDATA is an input signal whenever the
TMPR3911/12 is in the slave mode and is an output signal whenever the TMPR3911/12 is in the
master mode.
MBUSINT:
INPUT
This pin is the Magicbus interrupt signal. This signal is used to interrupt the TMPR3911/12
whenever a peripheral has been attached to or detached from the bus, or whenever a peripheral has
initiated an interrupt event.
2.2.7
Reset Pins
CPURES*:
INPUT
This pin is used to reset the Processor core. This pin should be connected to a switch for
initiating a reset in the event that a software problem might hang the Processor core. The pin
should also be pulled up to VSTANDBY (external signal) through an external pull-up resistor.
PON*:
INPUT
This pin serves as the Power On Reset signal for the TMPR3911/12. This signal must remain
low when VSTANDBY (external signal) is asserted until VSTANDBY is stable. Once
VSTANDBY is asserted, this signal should never go low unless all power is lost in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com