Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4956C Datasheet(PDF) 49 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 49 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 45Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 46Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 47Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 48Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 49Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 50Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 51Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 52Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 53Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 286 page
background image
Chapter 2 Features
2-1
2.
Features
•
TX49/H4 Processor Core
TX49/H4 Processor Core is a 64-bit RISC CPU core Toshiba developed based on the architecture of MIPS
for interactive consumer applications including Printer, Network and set-top terminals.
•
Internal bus width is 64-bit, External bus width is 64-bit or 32-bit.
Core and Cache are connected with 64-bit internal bus. External bus is 64-bit or 32-bit SysAD-bus I/F with
multiplexed address and data. This interface is compatible with the R4300, and R5000 system interfaces.
•
Power management
Internal: 1.25 V
I/O: 3.3 V or 2.5 V
The TX49/H4 Processor support Power management mode (Halt, Doze)
•
Maximum operating frequency
The SysAD-bus I/F and TX49/H4 Processor’s maximum operating frequency is set by External pin
(DivMode[2:0]).
Div Mode[2:0]
EC-bit
Clock Ratio
000
010
1:4
001
111
1:2.5
010
000
1:2
011
001
1:3
100
100
1:3.5
101
101
1:4.5
110
110
1:5
111
011
1:6
•
Package
217-pin PFBGA
•
Part Number
TMPR4956CXBG-400: Maximum internal operating frequency = 400 MHz
(Ask your nearest Toshiba sales representative for the latest part number.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com