Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4956C Datasheet(PDF) 93 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 93 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 89Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 90Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 91Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 92Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 93Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 94Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 95Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 96Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 97Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-33
Before returning from a floating-point exception, software must first clear the enabled Cause bits
with a CTC1 instruction to prevent a repeat of the interrupt. Thus, User mode programs can never
observe enabled Cause bits set; if this information is required in a User mode handler, it must be
passed somewhere other than the Status register.
For a floating-point operation that sets only unenabled Cause bits, no floating-point exception
occurs and the default result defined by IEEE 754 is stored. In this case, the exceptions that were
caused by the immediately previous floating-point operation can be determined by reading the
Cause field.
Flag Bits
The Flag bits are cumulative and indicate the exceptions that were raised by the operations that
were executed since the bits were explicitly reset. Flag bits are set to 1 if an IEEE 754 exception is
raised, otherwise they remain unchanged. The Flag bits are never cleared as a side effect of
floating-point operations; however, they can be set or cleared by writing a new value into the Status
register, using a CTC1 instruction.
Control/Status Register Rounding Mode Control Bits
Bits 1 and 0 in the Control/Status register constitute the Rounding Mode (RM) field.
As shown in Table 3.3.5, these bits specify the rounding mode that CP1 uses for all floating-point
operations.
Table 3.3.5 Rounding Mode Bit Decoding
Rounding
ModeRM
[1:0]
Mnemonic
Description
0
RN
Round result to nearest representable value; round to value with least-significant bit
0 when the two nearest representable values are equally near.
1
RZ
Round toward 0: round to value closest to and not greater in magnitude than the
infinitely precise result.
2
RP
Round toward +
∞: round to value closest to and not less than the infinitely precise
result.
3
RM
Round toward
−∞: round to value closest to and not greater than the infinitely precise
result.
3.3.3
Accessing the FP Control and Implementation/Revision Registers
The Control/Status and the Implementation/Revision registers are read by a Move Control From
Coprocessor 1 (CFC1) instruction.
The bits in the Control/Status register can be set or cleared by writing to the register using a Move
Control To Coprocessor 1 (CTC1) instruction. The Implementation/Revision register is a read-only
register. There are no pipeline hazards (between any instructions) associated with floating-point control
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com