Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4956C Datasheet(PDF) 58 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 58 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 54Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 55Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 56Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 57Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 58Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 59Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 60Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 61Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 62Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 286 page
background image
Chapter 2 Features
2-10
Table 2.2.8 Initialization Interface
Signal Name
Pin No.
I/O
Function
Reset*
R13
I
Reset (with pull-up resistor).
This signal should be asserted for soft reset.
See section 9.2.3 SoftReset in detail.
ColdReset*
R14
I
Cold reset
This signal should be assert at power-on and for a cold reset. GBUSCLK starts
operating synchronously with this signal.
See section 9.2.2 ColdReset in detail.
PLLReset*
P2
I
PLL reset input
This signal should be asserted for initialization of the on-chip PLL, for example, when
the system power is turned on.
See section 9.2.1 Power-On Reset in detail.
MODE43*
B15
I
SysAD bus protocol selection
The high or low level of this input signal at power-on or cold reset selects the SysAD
bus protocol.
0: R4300 type protocol
1: R5000 type protocol
BSIZE64*
R4
I
SysAD bus width selection
The high or low level of this input signal selects the SysAD bus address and data width
0: 64-bit bus width
1: 32-bit bus width (TX4955 mode or R4300 type protocol)
BufSel
B1
I
Output Buffer Select
Select the output buffer type of data bus and control signals.
BufSel
Buffer output rate
0
100 % (16-mA buffer type)
1
50 % (8-mA buffer type)
Please not change the value after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com