Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPR4956C Datasheet(PDF) 74 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 74 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 70Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 71Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 72Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 73Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 74Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 75Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 76Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 77Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 78Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 286 page
background image
Chapter 3 TX49/H4 Core’s Registers
3-14
Bit(s)
Field Name
Description
Cold Reset
Read/Write
21
0
Reserved
0
Read
20
SR
1: Indicates a soft reset or NMI has occurred.
0
Read/Write
19
0
Reserved
0
Read
18
CH
“Hit” or “miss” indication for last CACHE Hit Invalidate, Hit
Write Back Invalidate, Hit Write Back for a primary cache.
0: miss
1: hit
0
Read/Write
17:16
0
Reserved
0x0
Read
15:8
IM
Interrupt Mask
Controls the enabling of each of the external, internal and
software interrupts. An interrupt is taken if interrupts are
enabled, and the corresponding bits are set in both the IM field
of the Status register and the IP field of the Cause register.
0: disabled
1: enabled
0x0
Read/Write
7
KX
Enables 64-bit addressing in Kernel mode. The
extended-addressing TLB refill exception is used for TLB
misses on kernel addresses.
0: 32-bit
1: 64-bit
0
Read/Write
6
SX
Enables 64-bit addressing and operations in Supervisor
mode. The extended-addressing TLB refill exception is used
for TLB misses on supervisor addresses.
0: 32-bit
1: 64-bit
0
Read/Write
5
UX
Enables 64-bit addressing and operations in User mode. The
extended-addressing TLB refill exception is used for TLB
misses on user addresses.
0: 32-bit
1: 64-bit
0
Read/Write
4:3
KSU
Mode
10: user
01: supervisor
00: kernel
11: reserved
0x0
Read/Write
2
ERL
Error Level
0: normal
1: error
1
Read/Write
1
EXL
Exception Level
0: normal
1: exception
0
Read/Write
0
IE
Interrupt Enable
0: disable
1: enable
0
Read/Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com