Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3015ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3015ESA
Description  2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3015ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3015ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.04, 2019
AX3015
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Rating
Unit
Maximum Supply Voltage
VCC
+45
V
EN/CT, OVP Pin Input Voltage
-0.3 to 6
V
Feedback Pin Voltage
VFB
-0.3 to 12
V
SW Pin Voltage
VSW
-0.3 to VCC
V
SENSE Pin Voltage
VSENSE1/2
-0.3 to 32
V
Power Dissipation Internally limited
PD
( TJ-TA ) / θJA
W
Storage Temperature Range
TST
-65 to +150
°C
Operating Temperature Range
TOP
-40 to +125
°C
Operating Supply Voltage
VOP
8 to 40
V
Thermal Resistance from Junction to case
θJC
15
°C/W
Thermal Resistance from Junction to ambient
θJA
40
°C/W
Note: θJA is measured with the PCB copper area(need connect to Exposed Pad) of approximately 1in2 (Multi-layer).
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, TA=25°C, VCC=12V, VOUT=5V, IOUT = 0.2A)
Characteristics
Symbol
Conditions
Min Typ Max Units
Feedback Voltage
VFB IOUT=10mA
1.069 1.080 1.091 V
Under Voltage Lockout
UVLO Falling
-
6
-
V
UVLO Hysteresis
-
0.8
-
V
OVP detect voltage
VOVP
1.225 1.25 1.275 V
Feedback bias current
IFB
VFB=1.5V
-
-30
-
nA
Line Regulation
VCC=10~30V, IOUT=30mA
-
0.5
1
%
Load Regulation
IOUT=0~1A, VOUT=5V
RSENSE=0.1Ω
+150 +200
-
mV
Quiescent Current
ICCQ VFB=2V force driver off
-
3
6
mA
Oscillator frequency
FOSC
115 130 155 KHz
Max. Duty Cycle (ON)
DC
VFB=0.6V force driver on
-
100
-
%
Min. Duty Cycle (OFF)
VFB=1.5V force driver off
-
0
-
Saturation voltage
VSAT
No outside circuit
VFB=0.8V
force driver on
IOUT=2A
-
1.15 1.3
V
IOUT=1A
-
0.9
1.1
V
Sense Voltage
VSENSE VSENSE1-VSENSE2
-
140
-
mV
Sense Voltage Hysteresis
VSENSE-h
-
30
-
mV
SW pin leakage current
SW pin=0V
ISW L
No outside circuit
VFB=1.5V force driver off
-
-
-200 uA
SW pin leakage current
SW pin=-0.8V
VCC=40V force driver off
-
-5
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com