Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3015ESA Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3015ESA
Description  2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3015ESA Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3015ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.04, 2019
AX3015
BLOCK DIAGRAM
130KHz
OSC.
START-UP and
Auto restart control
+
+
Thermal
Shutdown
CONTROL
+
DRIVER
COMP.
Vss
SW
FB
2.0A
SWITCH
COMP.
VCC
Current
limit
+
_
AMP
CURRENT
SOURCE
BIAS
1.23V
REFERENCE
2.5V
REGULATOR
SENSE1
1.08V
EN/CT
SENSE2
140mV
+
_
AMP
+
_
AMP
0.4V
SCP
OVP
OVP
1.25V
PIN ASSIGNMENT
The package of AX3015 is SOP-8L-EP; the pin assignment is given by:
( Top View)
1
2
3
4
8
7
6
5
SW
SOP-8L-EP
Vss
FB
EN/CT
OVP
Vcc
SENSE1
Vss
SENSE2
Name
Description
VCC
Operating voltage input
VSS
GND pin
FB
Output voltage feedback control
SW
Switch pin. Connect external
inductor and diode here
SENSE1 Current Sense input1
SENSE2 Current Sense input2
EN/CT
Shutdown and auto restart
control pin
OVP
Over voltage detect pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
ES: SOP-8L-EP
AX3015 XX X
Packing
Blank : Tube
A : Taping
Logo
Y
AX 3
Part number
ID code:internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
0 1 5
Y WW X
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com