Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3015ESA Datasheet(PDF) 8 Page - AXElite technology co. ltd

Part # AX3015ESA
Description  2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3015ESA Datasheet(HTML) 8 Page - AXElite technology co. ltd

Back Button AX3015ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 12Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.04, 2019
AX3015
ESR
I
V
L
RIPPLE
= 0.4A x 8
0mΩ= 32mV
An aluminum electrolytic capacitor's ESR value is related to the capacitance and its
voltage rating. In most case, higher voltage electrolytic capacitors have lower ESR values.
Most of the time, capacitors with much higher voltage ratings may be needed to provide
the low ESR values required for low output ripple voltage. System stability is depending on
output capacitor’s ESR, Correct to choose output capacitor’s ESR is very important. It is
recommended to using a 220~470µF, the ESR values range is 40~130mΩ.
Thermal Considerations
The SOP-8L-EP package needs a heat sink under most conditions. The heat sink
connect exposed pad of AX3015 to obtain best effect. The size of the heat sink depends on
the input voltage, the output voltage, the load current and the ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com