Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3015ESA Datasheet(PDF) 4 Page - AXElite technology co. ltd

Part # AX3015ESA
Description  2A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3015ESA Datasheet(HTML) 4 Page - AXElite technology co. ltd

  AX3015ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3015ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.04, 2019
AX3015
ELECTRICAL CHARACTERISTICS (COUNTINOUS)
(Unless otherwise specified, TA=25°C, VCC=12V, VOUT=5V, IOUT = 0.2A)
Characteristics
Symbol
Conditions
Min Typ Max Units
EN/CT pin logic input
threshold voltage
VEN1 Shutdown mode
-
-
0.3
V
VCT Auto restart, VFB<0.4V
0.5
-
1.5
VEN2 Operating mode
1.6
-
-
EN/CT pin current
IEN/CT Charge current
-
-30
-
uA
EN/CT pin current
IEN/CT Discharge current
-
1.3
-
uA
Thermal shutdown Temp
TSD
-
160
-
°C
Thermal Shutdown Hysteresis
TSH
-
45
-
°C
APPLICATION CIRCUIT
C2
0.1uF
D1
B240A
L1
1
2
C3
470uF
C1
470uF
U1
Vcc
SW
FB
EN/CT
SENSE2
VOUT=5.0V/1A
VIN=10~30V
C4
0.1uF
R2
8.2K
R1
30K
RSENSE
Vss
OVP
C6
0.1uF
1
3
5
4
2
7
6
8
C5
SENSE1
R4
R3
AX3015
0.1R
C7
3.9nF
10nF
VOUT = VFB
(1 +
R2
R1
), VFB = 1.08V, R2 = 5K ~ 15K
VOUT (OVP) = VOVP
(1 +
R2
R1
), VFB = 1.25V, R4 = 5K ~ 15K
FUNCTION DESCRIPTIONS
FB
Sense the regulated output voltage to complete the feedback loop, moreover, the
external OVP and SCP sense voltage. If VFB >1.25V, the OVP is happened that it can
turn-off the driver, when VFB <0.4V and VEN/CT≧0.4V, the SCP is happened that it can auto
restart driver.
SENSE1/2
The current limit sense pin, if VSENSE1-VSENSE2≧140mV, the over current is happened
that it can turn-off driver cycle by cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com