Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3836-Q-R Datasheet(PDF) 3 Page - Kontron

Part # K3836-Q-R
Description  Intel® Q670/R680E Chipset and Intel® Core™ Processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3836-Q-R Datasheet(HTML) 3 Page - Kontron

  K3836-Q-R Datasheet HTML 1Page - Kontron K3836-Q-R Datasheet HTML 2Page - Kontron K3836-Q-R Datasheet HTML 3Page - Kontron K3836-Q-R Datasheet HTML 4Page - Kontron K3836-Q-R Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.kontron.com
K3836-Q/R mITX
Technical Information
POWER
INPUT VOLTAGE
CONNECTOR
Dual supply option: Single 12 V PSU ("DC In") or Standard ATX Multirail PSU
24-pin ATX socket plus 4-pin socket for CPU
FIRMWARE
BIOS
WATCHDOG
REAL TIME CLOCK
TPM
AMI Aptio 5.x (UEFI) BIOS modified and adapted by Kontron;
Recovery BIOS, SM-BIOS (DMI), BIOS and CPU Microcode Update, Quick Boot,
Logo Boot, Quiet Boot, Plug & Play, Automatic DRAM and PCIe Configuration,
BIOS Support for S.M.A.R.T., Advanced Power Management, ACPI S3/S4,
Modern Standby S0ix, Wake on time from S5.
No legacy OS support, no MBR installation (UEFI only)
BIOS POST-/BIOS BOOT-/OS-HW Watchdog
Integrated
TPM V2.0 (Intel® integrated)
SYSTEM CONTROL
FP HEADER
SECURITY
1x Intel compliant header for Power and Reset button, Power LED and HDD LED
Recovery BIOS, System and BIOS Password, Boot Sequence Control,
Serial/USB- Port Access Protection, Write Protection for Flash BIOS,
EraseDisk (BIOS Feature),
Trusted Platform Module (TPM)
SOFTWARE
OS SUPPORT
MS Windows® 10, MS Windows® 10 IoT (LTSC), MS Windows® 11,
MS Windows® 11 IoT (LTSC), Linux 64
No legacy OS support, no MBR installation (UEFI only)
MECHANICAL
DIMENSIONS (L x W)
Mini-ITX: 6.7“ x 6.7“ (170 x 170 mm)
ENVIRONMENTAL
OPERATION TEMPERATURE
0 °C - 60 °C
CERTIFICATION
EMC & SAFETY
cTÜVus acc. IEC62368-1, CE Class B incl. Industrial Immunity, UKCA,
FCC-B verified
Power Supply Requirements
SOURCE
VOLTAGE
MIN. PS LOAD
MAX. VOLTAGE
TOLERANCE
MOTHERBOARD
CAPACITIVE LOAD
MOTHERBOARD MAX.
CURRENT (continous)*
Main Power Supply
+ 12 V
0.05 A
± 5 %
1.900 µF
10 A
(Multirail PSU)
- 12 V
n.a.
n.a.
-
Not used
+ 5 V
0.2 A
± 5 %
1800 µF
4.5 A
+ 3.3 V
0 A
± 5 %
500 µF
0.5 A
+ 5 Vaux
0 A
± 5 %
1800 µF
2.5 A
Single 12V DC
+ 12 V
0 A
± 5 %
1.900 µF
13 A
*) Max. motherboard input current incl. processor and DRAM memory. Additional power for drives, USB devices, PCIe cards, eDP etc. is not included!
Note: BIOS provides option to reduce CPU TDP/Turbo power in order to use PSU with limited loadabilty.
Processor 65 W TDP: Max. Cont. Current < 13 A; max. Surge Current = 19 A (full Turbo Mode)
Processor 35 W TDP: Max. Cont. Current < 8 A; max. Surge Current = 13 A (full Turbo Mode)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com