Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3836-Q-R Datasheet(PDF) 2 Page - Kontron

Part # K3836-Q-R
Description  Intel® Q670/R680E Chipset and Intel® Core™ Processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3836-Q-R Datasheet(HTML) 2 Page - Kontron

  K3836-Q-R Datasheet HTML 1Page - Kontron K3836-Q-R Datasheet HTML 2Page - Kontron K3836-Q-R Datasheet HTML 3Page - Kontron K3836-Q-R Datasheet HTML 4Page - Kontron K3836-Q-R Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.kontron.com
K3836-Q/R mITX
Product Highlights
K3836-Q/R mITX Industrial Series
* Intel® Core™ processor series (12th, 13th, 14th gen)
* DDR5-4800/5600 SODIMM, max. 96 GByte
* ECC Support with R680E chipset
* cTDP – Easy & flexible reduction of CPU TDP
* Supporting Intel® iAMT features and
Intel® Time Coordinated Computing (TCC)
* PCI Express® x16 (Gen5 prepared)
* 1x Intel® GbE LAN, 1x 2.5GbE incl. Teaming and TSN
* Intel® UHD Graphics 7xx driven by Xe Architecture;
* 4x DisplayPort V1.4a up to 8K; 1x eDP V1.4b @4K;
1x Dual Channel LVDS
* HD Audio onboard
* Intel® integrated TPM V2.0
* 8 Bit GPIO; 4x COM port
* 6x USB 3.2 Gen 2, 7x USB 2.0
* 1x M.2 2242/2280 (Key-M, PCIe/NVME SSD modules)
* M.2 2230 (Key-E, WLAN/Bluetooth modules)
* BIOS-POST/-Boot & OS – HW Watchdog onboard
The K3836 mITX motherboard is the successor to the prosper-
ous D3633-S. It combines the proven functionality of its popular
forerunner with the latest Intel® Core™ processor generation
and latest standards. Developed and produced in Germany, this
motherboard offers two configuration options: The K3836-R is
equipped with the high-performance Intel® R680E chipset with
ECC support for mission-critical applications. The K3836-Q has
the equally powerful Q670 chipset onboard. Unleash unparal-
leled connectivity with the K3836, featuring 2x Intel® LAN (1x
2.5 GbE), PCIe x16 Gen5, multiple USB ports, M.2 or Display Ports
supporting graphics up to 8K resolutions and much more. It is
particularly reliable thanks to 24/7 continuous operation at tem-
peratures up to 60° C. Therefore, it can be used for various appli-
cations in the fields of industry, medicine, infotainment and more.
DisplayPortV1.4a
DPP1-DPP4
4x USB 2.0
2x USB-A
3.2 Gen2
COM1
RS232
Audio
Line Out/In
USB-A (3.2 Gen2)
USB-C (3.2 Gen2)
LAN1/iAMT
1 GbE
LAN2
2.5 GbE
Breakout feature for
second COM Port via
adapter cable
Technical Information
SYSTEM
PROCESSOR
CHIPSET
MEMORY
MEMORY ECC SUPPORT
Intel® Core™ processor series i9/i7/i5/i3 (12th, 13th, 14th gen)
Intel® Pentium®/Intel® Celeron® processor series
Socket LGA1700, max. 65 W TDP
(For details on supported processors please refer to Kontron FTP Server)
K3836-Q: Intel® Q670
K3836-R: Intel® R680E
2 SODIMM Sockets DDR5-4800/56001, max. 96 GByte, Dual Channel
unbuffered
ECC supported by K3836-R with R680E only
VIDEO
GRAPHICS
Intel® UHD Graphics 7xx (depends on installed processor),
4x DisplayPort V1.4a up to 8K;
1x Embedded DP (eDP V1.4b up to 4K resolution)
1x Dual Channel LVDS (24 bit)
Following max. display combinations are supported2:
4x DPP, 3x DPP + eDP, 3x DPP + LVDS
AUDIO
AUDIO CODEC
AUDIO INTERFACE
Realtek ALC256
High Definition Stereo Audio Codec3
NETWORK CONNECTION
ETHERNET 1
ETHERNET 2
Intel® i219LM with 10/100/1000 MBit/s, iAMT features,
Wake-on-LAN (WoL) by interesting Packets, Link Status Change and
Magic Packet™, PXE Support, BIOS MAC Address Display, Teaming Support
Intel® i226LM with 10/100/1000/2500 MBit/s, TSN Support, Wake-on-LAN
(WoL) by interesting Packets, Link Status Change and Magic Packet™, PXE
Support, BIOS MAC Address Display, Teaming Support
PERIPHERAL CONNECTION
USB
SERIAL PORT
OTHER I/Os
Rear I/O: 3x USB 3.2 Gen2 (Type-A), 1x USB 3.2 Gen 2 (Type-C), 4x USB 2.0 (Type-A)
Internal: 2x USB 3.2 Gen2 (Key-B header), 2x USB 2.0 (by header), 1x USB 2.0
Stick socket
1x RS232/422/485, 3x RS232 (1x rear I/O, 3x by headers)4
8 Bit GPIO (Input/Output); WLAN LED support, WLAN enable/disable support
3.3 V/5 V/12 V supply voltage output; SMBus controller PCA9554A
STORAGE & EXPANSION
SATA
M.2 PCIe/NVME
M.2 WIRELESS
PCIe/PCI SLOTS
4x Serial ATA III 600 Interface (up to 6GBit/s), NCQ, AHCI,
1x M.2 2242/2280 (Key-M, PCIe/NVME SSD modules)
1x M.2 2230 (Key-E, WLAN/Bluetooth modules, PCIe + USB)
PCIe x16: 1x 16 lanes, Gen55, Support for lane split (x16 or x8+x8)
¹)
Support for DDR5-5600 requires Intel® Core™ i7 or i9 processor (13th gen) and single rank SO-DIMM modules
2
)
Simultaneous use of LVDS and eDP is not supported.
3
)
5.1 surround sound is supported via DisplayPort or S/PDIF
4
)
COM1 (Rear I/O), COM3 and COM4 (by header): Full RS232 feature support
COM2 (by header): RS232/RS422/RS485 feature support
5
)
PCIe x16 slot: Gen5 ready



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com