Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3836-Q-R Datasheet(PDF) 4 Page - Kontron

Part # K3836-Q-R
Description  Intel® Q670/R680E Chipset and Intel® Core™ Processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3836-Q-R Datasheet(HTML) 4 Page - Kontron

  K3836-Q-R Datasheet HTML 1Page - Kontron K3836-Q-R Datasheet HTML 2Page - Kontron K3836-Q-R Datasheet HTML 3Page - Kontron K3836-Q-R Datasheet HTML 4Page - Kontron K3836-Q-R Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.kontron.com
K3836-Q/R mITX
Connector/Socket Diagram
Technical Details
FEATURES
Board Size / Chipset
VGA / DVI / DPP / LVDS / eDP
Stereo Audio / 5.1 Multichannel Audio / Front Panel Audio
Buzzer / int Speaker Support Mono / Stereo
GbE LAN / 2.5GbE LAN / Dual 2.5GbE LAN
WoL / LAN Boot / Teaming / TSN
Intel® Standard Manageability / iAMT / vPro
SATA / SATA RAID / M.2 SSD (NVME) / NVME RAID
USB 2.0 / USB 3.2 Gen1 / USB 3.2 Gen2 / USB 3.2 Type-C
FAN controlled & monitored CPU / AUX1 / AUX2 / AUX3
TEMP monitored CPU / Onboard Sensors / External Sensor
Mini-ITX / Q670 or R680E
- / - / + / + / +
+ / - / +
+ / - / +
+ / + / -
+ / + / + / +
+ / + / -
+ / + / + / +
+ / - / + / +
+ / + / - / -
+ / + / -
SPECIAL FEATURES
Silent Fan / System Guard / cTDP
Recovery BIOS / Flash Update / Multi Boot
HDD Password / EraseDisk / TPM V2.0
BIOS POST Watchdog / BIOS Boot Watchdog / OS HW Watchdog
Logo Boot Option
High Efficiency Core Voltage Regulator Design
Operating Mode 24-7 / 8-5 (hrs per day - days per week)
Motherboard operating temperature range (chassis inside)1
+ / + / +
+ / + / +
+ / + / +
+ / + / +
+
+
+ / -
0 °C – 60 °C
INTERNAL CONNECTORS
SODIMM Sockets (DDR5-4800/5600) / ECC-Support
PCI Express® x16: 16 lanes - Gen5 / Support for lane split (x16 or x8+x8)
SATA-600 / M.2 Key-M (NVME SSD) / M.2 Key-B
M.2 2230 (Key-E, PCIe & USB2.0 for WLAN/Bluetooth)
S/PDIF (digital Audio) OUT / IN
Front Panel Audio (9-Pin, HD Audio)
USB 2.0 / USB 3.2 (Gen2) / USB 2.0 Stick / USB 3.2 (Gen2) Stick3
Fan CPU / AUX1 / AUX2 / AUX3
Intrusion (Case Open) / GPIO (8 Bit) / SM-Bus (Case Temp.)
Serial Port Header4 / Parallel Port Header / PS2 Header
Front Panel (Power Switch, Reset Switch, LEDs, Intel 10 pin compatible)
SATA Drive Power Connector
Multirail PSU (24 pin + 4 pin) / Single 12V PSU / ATX12VO
2 / (+)2
1 / +
4 / 1 / -
1
1 / -
1
2 / 2 / 1 / 0
1 / 1 / - / -
1 / 1 / 1
3 / - / -
1
Via ATX connector (Single 12V mode)
+ / + / -
EXTERNAL CONNECTORS
VGA Sub D* / DVI-I / DVI-D / DisplayPort V1.4a
Audio Mic. In / Line in / Line out (or driver configuration)
LAN (RJ-45)
PS/2 Mouse / Keyboard
USB 2.0 / USB 3.2 (Gen1) / USB 3.2 (Gen2)
Serial (COM1, RS-232)
Parallel (EPP/ECP)
- / - / - / 4
- / 1 / 1
2
- / -
4 / 0 / 4
1
-
1
) Forced cooling required, see technical documentation for details
2
) ECC support only with R680E chipset on K3836-R
3
) Each internal USB connector (pin header) provides two USB ports (except for USB stick socket)
4
) COM2 with RS232/RS422/RS485 support, COM3+COM4 with RS232 support
M.2 Key-M
2242/2280
PCIe x4@G4, SSD
NVMe
M.2 Key-E
2230
WiFi PCIe,
BT USB
Q670/R680E
Chipset+ Heatsink
FAN2
GPIO
Config Jumper
4x
SATA
USB2.0
S�ck
Intrusion
Speaker
Buzzer
Layout
K3836 Rev.B
8-layer PCB
170 mm
170 mm
COM2-4
12V
CPU
Socket LGA1700
RaptorLake-S
Max. 65W
Slot 1 / PEG: PCIe x16 Gen5 (16 lanes)
DisplayPortV1.4a
DPP1-DPP4
4x USB 2.0
USB-A (3.2 Gen2)
LAN1/iAMT
1 GbE
LAN2
2.5 GbE
Audio
Line Out/In
2x USB-A
(3.2 Gen2)
COM1
RS232
USB-C (3.2 Gen2)
FAN1
ATX power supply or
12V DC input/SATA power out
Breakout feature for
second COM Port via
adapter cable



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com