Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3836-Q-R Datasheet(PDF) 5 Page - Kontron

Part # K3836-Q-R
Description  Intel® Q670/R680E Chipset and Intel® Core™ Processors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

K3836-Q-R Datasheet(HTML) 5 Page - Kontron

  K3836-Q-R Datasheet HTML 1Page - Kontron K3836-Q-R Datasheet HTML 2Page - Kontron K3836-Q-R Datasheet HTML 3Page - Kontron K3836-Q-R Datasheet HTML 4Page - Kontron K3836-Q-R Datasheet HTML 5Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
K3836-Q/R mITX
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
Ordering Information
Accessories
ARTICLE
PART NO.
DESCRIPTION
K3836-Q mITX
F5120-V197
Intel® Core™ processor series (12th, 13th, 14th gen), Intel® Q670 Chipset
K3836-R mITX
F5120-V198
Intel® Core™ processor series (12th, 13th, 14th gen), Intel® R680E Chipset
RISERCARD
S26361- F5000-R006
1x PCIe x4 (D3318-A)
INTERNAL SERIAL CABLE
S26361- F5000-K010
400 mm; fullsize slot bracket
SLIM HEATSINK LGA1700 65W
F5000-C030
Box contains 40x cooler plus 40x backplate
M.2 KEY-E/A SATA ADDON
F5000-M004
AddOn for M.2 Key-E/A slot to provide two SATA 6G ports,
Kit contains 40 x adapter K1201-A
INTERNAL USB KEY-B TO IDC20
HEADER CABLE
F5000-K020
Adapter cable for USB Key-B header to provide standard IDC20 USB3
frontpanel header.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com