Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136811 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1136811
Description  QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136811 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1136811 Datasheet HTML 1Page - PHOENIX CONTACT 1136811 Datasheet HTML 2Page - PHOENIX CONTACT 1136811 Datasheet HTML 3Page - PHOENIX CONTACT 1136811 Datasheet HTML 4Page - PHOENIX CONTACT 1136811 Datasheet HTML 5Page - PHOENIX CONTACT 1136811 Datasheet HTML 6Page - PHOENIX CONTACT 1136811 Datasheet HTML 7Page - PHOENIX CONTACT 1136811 Datasheet HTML 8Page - PHOENIX CONTACT 1136811 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Mains operation
200 V AC ±2 %
210 V AC ±2 %
220 V AC ±2 %
230 V AC ±2 %
Output voltage
240 V AC ±2 %
Form of output voltage
Pure sine
nom. 7.5 A (200 V AC)
nom. 7.1 A (210 V AC)
nom. 6.8 A (220 V AC)
Output current
nom. 6.5 A (230 V AC)
Static Boost (IStat.Boost)
nom. 6.3 A (240 V AC)
Maximum no-load power dissipation
35 W
Power loss nominal load max.
< 60 W (100% load, battery charged)
50 Hz
60 Hz
Nominal output frequency
±0.5 % (Output frequency tolerance)
Electronic current limitation
> 2,5 x Output: Current nom. (> 200 ms)
Battery operation
Maximum no-load power dissipation
32 W
Power loss nominal load max.
130 W (100% load, battery charged)
50 Hz
60 Hz
Nominal output frequency
±0.5 % (Output frequency tolerance)
< 3 % (linear load)
Total harmonic distortion factor (THD)
< 8 % (non-linear load)
Electronic current limitation
> 2,5 x Output: Current nom. (> 200 ms)
Energy storage
Input
48 V DC
Input voltage
max. 60 V DC
Input current
max. 40 A
Nominal capacity range
7 Ah ... 200 Ah
Charging current
max. 7 A
Output
Short-circuit current
650 A (< 1,5 ms)
General
yes
Connection in parallel
max. 5
QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible
power supply
1136811
https://www.phoenixcontact.com/us/products/1136811
Mar 24, 2025, 8:06 AM
Page 3 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com