Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136811 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1136811
Description  QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136811 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1136811 Datasheet HTML 1Page - PHOENIX CONTACT 1136811 Datasheet HTML 2Page - PHOENIX CONTACT 1136811 Datasheet HTML 3Page - PHOENIX CONTACT 1136811 Datasheet HTML 4Page - PHOENIX CONTACT 1136811 Datasheet HTML 5Page - PHOENIX CONTACT 1136811 Datasheet HTML 6Page - PHOENIX CONTACT 1136811 Datasheet HTML 7Page - PHOENIX CONTACT 1136811 Datasheet HTML 8Page - PHOENIX CONTACT 1136811 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Technical data
Input data
200 V AC -10 % / +20 %
210 V AC -15 % / +20 %
220 V AC -15 % / +20 %
230 V AC -20 % / +15 %
Input voltage
240 V AC -20 % / +10 %
Voltage type of supply voltage
AC
47.5 Hz ... 52.5 Hz
Frequency range (fN)
57 Hz ... 63 Hz
Bypass fuse
16 A T 250 V
Permissible backup fuse
B16 B25 C16 C25
nom. 9.5 A (200 V AC)
nom. 9.1 A (210 V AC)
nom. 8.6 A (220 V AC)
nom. 8.3 A (230 V AC)
nom. 7.9 A (240 V AC)
max. 12.9 A (200 V AC)
max. 13 A (210 V AC)
max. 12.4 A (220 V AC)
max. 12.6 A (230 V AC)
Current consumption
max. 12.1 A (240 V AC)
Rated short-time current carrying capacity Icw
6 kA
Output data
Classification according to IEC 62040-3
VFI-SS-111
> 95 % (100% load, battery charged)
Efficiency
> 91 % (100% load, battery charged)
Apparent power
1500 VA
Real power
1350 W
Power factor (cos phi)
0.9
Crest factor
2.8
Switch-over time
0 ms
yes
Connection in parallel
max. 3
Connection in series
no
Overload capability Mains operation
120 % ... 150 % (20 s / 5 s, then switch to bypass operation)
Overload capability Battery operation
120 % ... 150 % (20 s / 5 s, then shutdown)
Overload capability Bypass mode
120 % ... 150 % (for a sustained period / 20 s, then shutdown)
Rated short-time current carrying capacity Icw
6 kA
QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible
power supply
1136811
https://www.phoenixcontact.com/us/products/1136811
Mar 24, 2025, 8:06 AM
Page 2 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com