Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136811 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1136811
Description  QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136811 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1136811 Datasheet HTML 2Page - PHOENIX CONTACT 1136811 Datasheet HTML 3Page - PHOENIX CONTACT 1136811 Datasheet HTML 4Page - PHOENIX CONTACT 1136811 Datasheet HTML 5Page - PHOENIX CONTACT 1136811 Datasheet HTML 6Page - PHOENIX CONTACT 1136811 Datasheet HTML 7Page - PHOENIX CONTACT 1136811 Datasheet HTML 8Page - PHOENIX CONTACT 1136811 Datasheet HTML 9Page - PHOENIX CONTACT 1136811 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Position
5.x
Locking
Locking clip
Transmission physics
Twisted-Pair 4x2
Interface
Parallel operation communication interface
Number of interfaces
2
Connection method
RJ45
Position
5.x
Locking
Locking clip
Transmission physics
Twisted-Pair 4x2
Signaling
Signal input Bat.-Start
Low signal
Connection to SGnd with < 2.7 kΩ
High signal
Open (> 200 kΩ between Bat.-Start and SGnd)
Signal input Remote
Low signal
Connection to SGnd with < 2.7 kΩ
High signal
Open (> 35 kΩ between Remote and SGnd)
Signal output Alarm
Position
3.x
Signalization designation
Alarm
Position marking
3.1 (Alarm)
Switching output
Transistor output, active
Output voltage
24 V
Continuous load current
≤ 20 mA
Signal output Battery Mode
Position
3.x
Signalization designation
Bat.-Mode
Position marking
3.2 (Bat.-Mode)
Switching output
Transistor output, active
Output voltage
24 V
Continuous load current
≤ 20 mA
Signal output Power Good
Position
3.x
Signalization designation
Power Good
Position marking
3.3 (Power Good)
Switching output
Transistor output, active
Output voltage
24 V
Continuous load current
≤ 20 mA
Signal output Ready
QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible
power supply
1136811
https://www.phoenixcontact.com/us/products/1136811
Mar 24, 2025, 8:06 AM
Page 6 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com