Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1136811 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1136811
Description  QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1136811 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1136811 Datasheet HTML 1Page - PHOENIX CONTACT 1136811 Datasheet HTML 2Page - PHOENIX CONTACT 1136811 Datasheet HTML 3Page - PHOENIX CONTACT 1136811 Datasheet HTML 4Page - PHOENIX CONTACT 1136811 Datasheet HTML 5Page - PHOENIX CONTACT 1136811 Datasheet HTML 6Page - PHOENIX CONTACT 1136811 Datasheet HTML 7Page - PHOENIX CONTACT 1136811 Datasheet HTML 8Page - PHOENIX CONTACT 1136811 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Connection method
Push-in connection
rigid
1.5 mm² ... 6 mm²
flexible
1.5 mm² ... 6 mm²
flexible with ferrule without plastic sleeve
1.5 mm² ... 4 mm²
flexible with ferrule with plastic sleeve
1.5 mm² ... 4 mm²
AWG
16 ... 10
Stripping length
10 mm
Battery
Position
4.x
Identification
4.1, 4.2
Connection technology
Position marking
4.1 (+), 4.2 (-)
Conductor connection
Connection method
Push-in connection
rigid
6 mm² ... 16 mm²
flexible
6 mm² ... 16 mm²
flexible with ferrule without plastic sleeve
6 mm² ... 16 mm²
flexible with ferrule with plastic sleeve
6 mm² ... 16 mm²
AWG
8 ... 6
Stripping length
18 mm
Signal
Position
3.x
Identification
3.1 ... 3.9
Connection technology
Position marking
3.1 (Alarm), 3.2 (Bat.-Mode), 3.3 (Power Good), 3.4 (Ready), 3.5
(P>Pn), 3.6 (Service Required), 3.7 (Bat.-Start), 3.8 (Remote), 3.
9 (SGnd)
Conductor connection
Connection method
Push-in connection
rigid
0.2 mm² ... 4 mm²
flexible
0.2 mm² ... 4 mm²
flexible with ferrule without plastic sleeve
0.2 mm² ... 2.5 mm²
flexible with ferrule with plastic sleeve
0.2 mm² ... 2.5 mm²
AWG
24 ... 12
Stripping length
10 mm
Interfaces
Interface
Battery module communication interface
Number of interfaces
1
Connection method
RJ45
QUINT-HP-UPS/230AC/1.5KVA/PT - Uninterruptible
power supply
1136811
https://www.phoenixcontact.com/us/products/1136811
Mar 24, 2025, 8:06 AM
Page 5 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com