Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050ESA Datasheet(PDF) 3 Page - AXElite technology co. ltd

Part # AX3050ESA
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050ESA Datasheet(HTML) 3 Page - AXElite technology co. ltd

  AX3050ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
PIN ASSIGNMENT
The package of AX3050/A is SOP-8L-EP; the pin assignment is given by:
( Top View )
1
3
4
8
7
6
5
BS
LX
SOP-8L-EP
SENSE1
GND
VIN
GND
FB
COMP
SENSE2
2
Name
Description
BS
Bootstrap Pin. This provides
power to the internal
high-side MOSFET gate
driver.
Connect a 0.1uF capacitor
from BS pin to LX pin.
LX
Power Switching Output to
External Inductor.
SENSE1
Current Sense input1
SENSE2
Current Sense input2
FB
Output voltage feedback
control
COMP
Error Amplifier Output. This
pin is used to compensate
the converter.
VIN
Power Supply Input. Bypass
this pin with a 0.1uF ceramic
capacitor to GND, placed as
close to the IC as possible.
GND
GND pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
AX3050 X XX X
Packing
Blank : Tube
A : Taping
ES: SOP-8L-EP
Blank:100KHz
A:250KHz
Note:
Bin 2: ±5%, Bin 3: ±15% (Sense Voltage)
AX 3
Logo
Part number
ID code: internal
WW: 01~52
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
Y Y W W X
0 5 0
:
45=2045
A
AX3050A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com