Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050ESA Datasheet(PDF) 6 Page - AXElite technology co. ltd

Part # AX3050ESA
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050ESA Datasheet(HTML) 6 Page - AXElite technology co. ltd

Back Button AX3050ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 10Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
FUNCTION DESCRIPTIONS
CV/CC Loop Regulation
As seen in Functional Block Diagram, the AX3050/A is a peak current mode pulse
width modulation (PWM) converter with CC and CV control. The converter operates as
follows:
A switching cycle starts when the rising edge of the Oscillator clock output causes
the High-Side Power Switch to turn on. With the LX side of the inductor now connected to
Sense1, the inductor current ramps up to store energy in the magnetic field. The inductor
current level is measured by the Current Sense Amplifier and added to the Oscillator ramp
signal. If the resulting summation is higher than the COMP voltage, the output of the PWM
Comparator goes high. When this happens or when Oscillator clock output goes low, the
High-Side Power Switch turns off.
At this point, the LX side of the inductor swings to a diode voltage below ground,
causing the inductor current to decrease and magnetic energy to be transferred to output.
This state continues until the cycle starts again. The High-Side Power Switch is driven by
logic using BS as the positive rail. This pin is charged to VLX + 5V when the Low-Side
Power Switch turns on. The COMP voltage is the integration of the error between FB input
and the internal 1V reference. If FB is lower than the reference voltage, COMP tends to go
higher to increase current to the output. Output current will increase until it reaches the CC
limit set by the R1 resistor. At this point, the device will transition from regulating output
voltage to regulating output current, and the output voltage will drop with increasing load.
Current Limit Protection
The Current limit is set by outside resistance (RSENSE), When the SENSE1-SENSE2
voltage larger than 100mV, the current limit is happened that driver can be turned off. The
current limit set according to the following equation:
SENSE
R
mV
100
=
(A)
Limit
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com