Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050ESA Datasheet(PDF) 9 Page - AXElite technology co. ltd

Part # AX3050ESA
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050ESA Datasheet(HTML) 9 Page - AXElite technology co. ltd

Back Button AX3050ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 9Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 10Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 11Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 12Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 13Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
Input Capacitor
The input capacitor needs to be carefully selected to maintain sufficiently low ripple at
the supply input of the converter. A low ESR capacitor is highly recommended. Since large
current flows in and out of this capacitor during switching, its ESR also affects efficiency.
The input capacitance needs to be higher than 100μF. The best choice is the ceramic
type, however, low ESR tantalum or electrolytic types may also be used provided that the
RMS ripple current rating is higher than 50% of the output current. The input capacitor
should be placed close to the IN and G pins of the IC, with the shortest traces possible. In
the case of tantalum or electrolytic types, they can be further away if a small parallel 0.1μF
ceramic capacitor is placed right next to the IC. Especially C8 capacitor should be placed as
close as possible to the IC pin.
Output Capacitor
The output capacitor also needs to have low ESR to keep low output voltage ripple.
The output ripple voltage is:
OUT
2
LX
IN
ESR
RIPPLE
OUTMAX
RIPPLE
LC
f
×
28
V
+
R
K
I
=
V
where IOUTMAX is the maximum output current, KRIPPLE is the ripple factor, RESR is
the ESR of the output capacitor, fLX is the switching frequency, L is the inductor value, and
COUT is the output capacitance. In the case of ceramic output capacitors, RESR is very
small and does not contribute to the ripple. Therefore, a lower capacitance value can be
used for ceramic type. In the case of tantalum or electrolytic capacitors, the ripple is
dominated by RESR multiplied by the ripple current. In that case, the output capacitor is
chosen to have sufficiently low ESR.
For ceramic output capacitor, typically choose a capacitance of about 470μF. For
tantalum or electrolytic capacitors, choose a capacitor with less than 50mΩ ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com