Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3050ESA Datasheet(PDF) 1 Page - AXElite technology co. ltd

Part # AX3050ESA
Description  2.3A, Wide Input Sensorless CC/CV Step Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3050ESA Datasheet(HTML) 1 Page - AXElite technology co. ltd

  AX3050ESA Datasheet HTML 1Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 2Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 3Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 4Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 5Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 6Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 7Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 8Page - AXElite technology co. ltd AX3050ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.2.1 Oct.04, 2019
AX3050/A
2.3A,Wide-Input Sensorless CC/CV Step-Down
DC/DC Converter
GENERAL DESCRIPTION
AX3050/A is a wide input voltage, high efficiency Active CC step-down DC/DC
converter that operates in either CV (Constant Output Voltage) mode or CC (Constant
Output Current) mode.
AX3050/A consists of step-down switching regulator with PWM control. The device
includes a reference voltage source, oscillation circuit, error amplifier and etc.
AX3050/A provides low-ripple power, high efficiency, and excellent transient
characteristics. The PWM control circuit is able to the duty ratio linearly forms 0 up to 90%.
An over current protection function is built outside that it can set by a resistance. An
external compensation is easily to system stable; the low ESR output capacitor can be
used.
With the addition of an internal N-channel Power MOS, a coil, capacitors, and a
diode connected externally, these ICs can function as step-down switching regulators.
They serve as ideal power supply units for portable devices when coupled with the
SOP-8L-EP packages, providing such outstanding features as low current consumption.
Since this converter can accommodate an input voltage up to 34.
APPLICATIONS
- Car charger
- Portable charger Device.


Similar Part No. - AX3050ESA

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3051 AXELITE-AX3051 Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051/A AXELITE-AX3051/A Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051A AXELITE-AX3051A Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051AES AXELITE-AX3051AES Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
AX3051AESA AXELITE-AX3051AESA Datasheet
1Mb / 17P
2.8A, Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev.2.0 Oct. 08, 2019
More results

Similar Description - AX3050ESA

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4513 ACTIVE-SEMI-ACT4513 Datasheet
664Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 29-Jul-11
ACT4514 ACTIVE-SEMI-ACT4514 Datasheet
472Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 21-Jul-11
ACT4513 ACTIVE-SEMI-ACT4513_12 Datasheet
673Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_12 Datasheet
463Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4513 ACTIVE-SEMI-ACT4513_14 Datasheet
678Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 7, 14-Nov-12
ACT4515 ACTIVE-SEMI-ACT4515_14 Datasheet
462Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 6, 14-Nov-12
ACT4533 ACTIVE-SEMI-ACT4533 Datasheet
602Kb / 16P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 1, 25-Feb-13
ACT4533A ACTIVE-SEMI-ACT4533A Datasheet
452Kb / 18P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
ACT4523A ACTIVE-SEMI-ACT4523A Datasheet
400Kb / 15P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 25-Jul-13
EA4533BYH ACTIVE-SEMI-EA4533BYH Datasheet
452Kb / 17P
Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
Rev 0, 14-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com