Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801490 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2801490
Description  VAL-MS-AR 350 VF/FM - Type 2 surge arrester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801490 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2801490 Datasheet HTML 1Page - PHOENIX CONTACT 2801490 Datasheet HTML 2Page - PHOENIX CONTACT 2801490 Datasheet HTML 3Page - PHOENIX CONTACT 2801490 Datasheet HTML 4Page - PHOENIX CONTACT 2801490 Datasheet HTML 5Page - PHOENIX CONTACT 2801490 Datasheet HTML 6Page - PHOENIX CONTACT 2801490 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Conductor cross section flexible min.
0.14 mm²
Conductor cross section flexible max.
1.5 mm²
Conductor cross section, rigid min.
0.14 mm²
Conductor cross section, rigid max.
1.5 mm²
Dimensions
Dimensional drawing
Width
17.7 mm
Height
160 mm
Depth
75 mm
Material specifications
black (RAL 9005)
Color
black (RAL 9005)
Flammability rating according to UL 94
V0
Housing material
PA
Protective circuit
Direction of action
1L-N/PE
Nominal frequency fN
50 Hz (60 Hz)
Maximum continuous voltage UC
350 V AC
Rated load current IL
55 A (with 6 AWG)
Nominal discharge current In (8/20) µs
10 kA
Maximum discharge current Imax (8/20) µs
20 kA
Total discharge current Itotal (8/20) µs
20 kA
Total discharge current Itotal (10/350) µs
3 kA
Voltage protection level Up
≤ 1.2 kV
Total surge current (10/350) µs
3 kA
Total surge current (8/20) µs
15 kA
125 A (gG)
Max. backup fuse with branch wiring
125 A (gG)
Environmental and real-life conditions
Ambient conditions
IP20 (when disconnect closed)
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 80 °C
Altitude
max. 3000 m
Permissible humidity (operation)
5 % ... 95 %
VAL-MS-AR 350 VF/FM - Type 2 surge arrester
2801490
https://www.phoenixcontact.com/us/products/2801490
Mar 27, 2025, 7:25 AM
Page 3 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com