Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801490 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2801490
Description  VAL-MS-AR 350 VF/FM - Type 2 surge arrester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801490 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2801490 Datasheet HTML 1Page - PHOENIX CONTACT 2801490 Datasheet HTML 2Page - PHOENIX CONTACT 2801490 Datasheet HTML 3Page - PHOENIX CONTACT 2801490 Datasheet HTML 4Page - PHOENIX CONTACT 2801490 Datasheet HTML 5Page - PHOENIX CONTACT 2801490 Datasheet HTML 6Page - PHOENIX CONTACT 2801490 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Surge protection for NEMA power supply units
Product family
VALVETRAB MS
II
IEC test classification
T2
EN type
T2
Type
DIN rail module, two-section, divisible
Surge protection fault message
Optical, remote indicator contact
Electrical properties
Nominal frequency fN
50 Hz (60 Hz)
Nominal voltage UN
230 V AC
Nominal current IN
76 A (at 30°C ambient temperature)
Indicator/remote signaling
Connection name
Remote fault indicator contact
Switching function
Changeover contact, 1-pos.
Maximum operating voltage Umax. AC
250 V AC
1.5 A AC (250 V AC)
Max. operating current Imax
1.5 A DC (30 V DC)
Connection data
Connection method
Screw terminal block
3 Nm ... 4.5 Nm (Ground)
1.5 Nm ... 1.8 Nm (House)
Tightening torque
2.5 Nm ... 3 Nm (Field)
1.5 mm² ... 35 mm² (16 mm strip length)
0.5 mm² ... 15 mm² (10 mm strip length)
Conductor cross section flexible
1.5 mm² ... 25 mm² (14 mm strip length)
1.5 mm² ... 35 mm² (16 mm strip length)
0.5 mm² ... 15 mm² (10 mm strip length)
Conductor cross section rigid
1.5 mm² ... 25 mm² (14 mm strip length)
15 ... 2 (16 mm strip length)
20 ... 6 (10 mm strip length)
Conductor cross section AWG
12 ... 4 (14 mm strip length)
Remote fault indicator contact
Connection method
Screw connection
Screw thread
M2
Tightening torque, min
0.25 Nm
Tightening torque
2 lbf-in. ... 4 lbf-in. (UL)
Stripping length
7 mm
VAL-MS-AR 350 VF/FM - Type 2 surge arrester
2801490
https://www.phoenixcontact.com/us/products/2801490
Mar 27, 2025, 7:25 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com