Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801490 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2801490
Description  VAL-MS-AR 350 VF/FM - Type 2 surge arrester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801490 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2801490 Datasheet HTML 1Page - PHOENIX CONTACT 2801490 Datasheet HTML 2Page - PHOENIX CONTACT 2801490 Datasheet HTML 3Page - PHOENIX CONTACT 2801490 Datasheet HTML 4Page - PHOENIX CONTACT 2801490 Datasheet HTML 5Page - PHOENIX CONTACT 2801490 Datasheet HTML 6Page - PHOENIX CONTACT 2801490 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Permissible humidity (storage/transport)
5 % ... 95 %
Shock (operation)
10g
Vibration (operation)
2g (0 Hz ... 200 Hz)
Mounting
Mounting type
DIN rail mounting with additional retaining screw
VAL-MS-AR 350 VF/FM - Type 2 surge arrester
2801490
https://www.phoenixcontact.com/us/products/2801490
Mar 27, 2025, 7:25 AM
Page 4 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com