Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2801490 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2801490
Description  VAL-MS-AR 350 VF/FM - Type 2 surge arrester
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801490 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2801490 Datasheet HTML 1Page - PHOENIX CONTACT 2801490 Datasheet HTML 2Page - PHOENIX CONTACT 2801490 Datasheet HTML 3Page - PHOENIX CONTACT 2801490 Datasheet HTML 4Page - PHOENIX CONTACT 2801490 Datasheet HTML 5Page - PHOENIX CONTACT 2801490 Datasheet HTML 6Page - PHOENIX CONTACT 2801490 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
The VAL-MS-AR 350 VF/FM is a hybrid SPD with a gas discharge tube in series with a metal
oxide varistor and thermal monitor, ideal for applications where no leakage current can be
tolerated.
The VAL-MS BE-AR/FM base provides a disconnect that separates the field wire from the
protected mode for field diagnosis and dry contacts for remote function monitoring. Independent
input and output terminals are on the same side with ground terminals on the opposite end. All
terminals are high-current screw clamping for stripped or ferruled, solid or stranded wires.
Your advantages
Separate field and house wire termination
•
Tool-free field wire disconnect and test point
•
IP20 touch safe when connected
•
VF plug has zero leakage current
•
Commercial data
Item number
2801490
Packing unit
10 pc
Minimum order quantity
10 pc
Note
Made to order (non-returnable)
Sales key
CL18
Product key
CL1321
Catalog page
Page 47 (C-6-2015)
GTIN
4046356879538
Weight per piece (including packing)
222.222 g
Weight per piece (excluding packing)
222.222 g
Customs tariff number
85363010
Country of origin
DE
VAL-MS-AR 350 VF/FM - Type 2 surge arrester
2801490
https://www.phoenixcontact.com/us/products/2801490
Mar 27, 2025, 7:25 AM
Page 1 (7)


Similar Part No. - 2801490

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2801491 PHOENIX-2801491 Datasheet
309Kb / 7P
VAL-MS-AR-T1/T2 75 - Lightning/surge arrester type 1/2
2801492 PHOENIX-2801492 Datasheet
318Kb / 7P
VAL-MS-AR-T1/T2 75/FM - Lightning/surge arrester type 1/2
More results

Similar Description - 2801490

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906318 PHOENIX-2906318 Datasheet
73Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 75 VF/P-FM
2906320 PHOENIX-2906320 Datasheet
72Kb / 5P
Type 2 surge protection device - VAL-MSTE-AR 350 VF/P-FM
2905333 PHOENIX-2905333 Datasheet
117Kb / 6P
Type 2 surge arrester - VAL-SEC-T2-1S-350-FM
2905337 PHOENIX-2905337 Datasheet
116Kb / 6P
Type 2 surge arrester - VAL-SEC-T2-2C-350-FM
2905338 PHOENIX-2905338 Datasheet
96Kb / 6P
Type 2 surge arrester - VAL-SEC-T2-2S-350-FM
2905339 PHOENIX-2905339 Datasheet
124Kb / 6P
Type 2 surge arrester - VAL-SEC-T2-3C-350-FM
2905340 PHOENIX-2905340 Datasheet
169Kb / 7P
Type 2 surge arrester - VAL-SEC-T2-3S-350-FM
2856595 PHOENIX-2856595 Datasheet
261Kb / 7P
Type 2 surge protection plug - VAL-MS 350 VF ST
02/04/2022
2839130 PHOENIX-2839130 Datasheet
149Kb / 14P
Type 2 surge arrester - VAL-MS 230/FM
09/12/2020
2920447 PHOENIX-2920447 Datasheet
134Kb / 10P
Type 2 surge arrester - VAL-MS 580/30-FM
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com