Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811CPU Datasheet(PDF) 2 Page - Digital Core Design

Part # DF6811CPU
Description  8-bit FAST Microcontrollers Family
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811CPU Datasheet(HTML) 2 Page - Digital Core Design

  DF6811CPU Datasheet HTML 1Page - Digital Core Design DF6811CPU Datasheet HTML 2Page - Digital Core Design DF6811CPU Datasheet HTML 3Page - Digital Core Design DF6811CPU Datasheet HTML 4Page - Digital Core Design DF6811CPU Datasheet HTML 5Page - Digital Core Design DF6811CPU Datasheet HTML 6Page - Digital Core Design DF6811CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
●
●
●
●
●
●
○
○
○
○
♦
♦
♦
♦
◊
◊
◊
♦
◊
◊
◊
♦
◊
◊
◊
♦
♦
♦
◊
◊
http://www.DigitalCoreDesign.com
http://www.dcd.pl
DoCD
No internal reset generator or gated clock
Scan test ready
Technology independent HDL source code
Core can be fully customized
1 GHz virtual clock frequency compared to
original implementation
TM on Chip Debugger
Processor execution control
Read, write all processor contents
Hardware execution breakpoints
Three wire communication interface
DESIGN FEATURES
ONE GLOBAL SYSTEM CLOCK
SYNCHRONOUS RESET
The DF6811 has 3 reset vectors
sources, which easy identify a cause of
system reset.
ALL ASYNCHRONOUS INPUT SIGNALS ARE
SYNCHRONIZED BEFORE INTERNAL USE
DATA MEMORY:
The DF6811 can address up to 16M
bytes of Data Memory via the function in-
terconnect signals. The 256 bytes of Data
Memory in every 64k page is reserved for
the Function Registers. Extra DPP (Data
Page Pointer) register is used for segments
swapping. Data Memory can be imple-
mented as synchronous or asynchronous
RAM.
SYSTEM FUNCTION REGISTERS:
Up to 256 System Function Regis-
ters(SFRs) may be implemented to the
DF6811
design.
SFRs
are
memory
mapped into Data Memory within any 64k
bytes address space
.
PROGRAM MEMORY:
Up to 64kB of Program Memory may be
implemented to the DF6811 design. Pro-
gram Memory can be implemented as syn-
chronous or asynchronous ROM.
DELIVERABLES
Source code:
VHDL Source Code or/and
VERILOG Source Code or/and
Encrypted, or plain text EDIF netlist
VHDL & VERILOG test bench environ-
ment
Active-HDL automatic simulation macros
ModelSim automatic simulation macros
Tests with reference responses
Technical documentation
Installation notes
HDL core specification
Datasheet
Synthesis scripts
Example application
Technical support
IP Core implementation support
3 months maintenance
●
Delivery the IP Core updates, minor
and major versions changes
●
Delivery the documentation updates
●
Phone & email support
CONFIGURATION
The following parameters of the DF6811CPU
core can be easy adjusted to requirements of
dedicated application and technology. Con-
figuration of the core can be prepared by ef-
fortless
changing appropriate constants in
package file. There is no need to change any
parts of the code.
- used
• DoCD
TM Hardware Debugger
- unused
- Harvard
• Architecture type
- Von Neumann
- Synchronous
• Memories type
- Asynchronou
- 64 kB
• Data Memory size
- 16 MB
- used
• Data Memory wait-states
- unused
- used
• Power saving STOP mode
- unused
- used
• Support for DIV Instructions
- unused
- used
• Support for MUL Instruction
- unused



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com