Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811CPU Datasheet(PDF) 5 Page - Digital Core Design

Part # DF6811CPU
Description  8-bit FAST Microcontrollers Family
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811CPU Datasheet(HTML) 5 Page - Digital Core Design

  DF6811CPU Datasheet HTML 1Page - Digital Core Design DF6811CPU Datasheet HTML 2Page - Digital Core Design DF6811CPU Datasheet HTML 3Page - Digital Core Design DF6811CPU Datasheet HTML 4Page - Digital Core Design DF6811CPU Datasheet HTML 5Page - Digital Core Design DF6811CPU Datasheet HTML 6Page - Digital Core Design DF6811CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
○
○
●
○
○
○
○
●
○
○
○
○
○
○
○
○
●
○
○
○
○
○
●
○
○
○
●
○
○
○
○
○
○
○
●
○
○
○
○
○
○
●
●
○
○
○
○
○
●
○
○
○
○
○
○
●
○
○
○
○
○
○
○
○
http://www.DigitalCoreDesign.com
http://www.dcd.pl
Pulse width modulation
Pulse width measuring
8-bit Pulse accumulator
Two major modes of operation
Simple event counter
Gated time accumulation
Clocked by internal source or external pin
Full-duplex UART - SCI
Standard Nonreturn to Zero format (NRZ)
8 or 9 bit data transfer
Integrated baud rate generator
Enhanced receiver data sampling technique
Noise, Overrun and Framing error detection
IDLE and BREAK characters generation
Wake-up block to recognize UART wake-up
from IDLE condition
Three SCI related interrupts
SPI – Master and Slave Serial Peripheral
Interface
Supports speeds up ¼ of system clock
Software selectable polarity and phase of se-
rial clock SCK
System errors detection
Allows operation from a wide range of system
clock frequencies (build-in 5-bit timer)
Interrupt generation
PWM – Pulse Width Modulation Timer
4 independent 8-bit PWM channels, concate-
nated on two 16-bit PWM channel
Software-selectable duty from 0% to 100%
and pulse period
Software-selectable polarity of output wave-
form
I2C bus controller - Master
7-bit and 10-bit addressing modes
NORMAL, FAST, HIGH speeds
Multi-master systems supported
Clock arbitration and synchronization
User defined timings on I2C lines
Wide range of system clock frequencies
Interrupt generation
I2C bus controller - Slave
NORMAL speed 100 kbs
FAST speed 400 kbs
HIGH speed 3400 kbs
Wide range of system clock frequencies
User defined data setup time on I2C lines
Interrupt generation
Programmable Watchdog Timer
Fixed-Point arithmetic coprocessor
Multiplication - 16bit * 16bit
Division - 32bit / 16bit
Division - 16bit / 16bit
Left and right shifting - 1 to 31 bits
Normalization
Floating-Point
arithmetic
coprocessor
IEEE-754 standard single precision
FADD, FSUB - addition, subtraction
FMUL, FDIV- multiplication, division
FSQRT- square root
FUCOM - compare
FCHS - change sign
FABS - absolute value
Floating-Point math coprocessor - IEEE-
754 standard single precision real, word
and short integers
FADD, FSUB- addition, subtraction
FMUL, FDIV- multiplication, division
FSQRT- square root
FUCOM- compare
FCHS - change sign
FABS - absolute value
FSIN, FCOS- sine, cosine
FTAN, FATAN – tangent arcs tangent



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com