Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811CPU Datasheet(PDF) 3 Page - Digital Core Design

Part # DF6811CPU
Description  8-bit FAST Microcontrollers Family
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811CPU Datasheet(HTML) 3 Page - Digital Core Design

  DF6811CPU Datasheet HTML 1Page - Digital Core Design DF6811CPU Datasheet HTML 2Page - Digital Core Design DF6811CPU Datasheet HTML 3Page - Digital Core Design DF6811CPU Datasheet HTML 4Page - Digital Core Design DF6811CPU Datasheet HTML 5Page - Digital Core Design DF6811CPU Datasheet HTML 6Page - Digital Core Design DF6811CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restric-
tion except One Year license where time of
use is limited to 12 months.
●
○
Single Design license for
VHDL, Verilog source code called HDL Sour-
ce
Encrypted, or plain text EDIF called Netlist
○
●
○
●
○
○
●
○
○
One Year license for
Encrypted Netlist only
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
HDL Source to Netlist
Single Design to Unlimited Designs
SYMBOL
datai(7:0)
irq
xirq
clk
addr(23:0)
ramwe
ramoe
por
cmf
halt
lir
prgdata(7:0)
prgaddr(15:0)
prgoe
ufrdatai(7:0)
ufraddr(7:0)
ufrwe
ufroe
ready
datao(7:0)
clkdocd
docddatai
docddatao
docdclk
prgwe
DoCD
TM Interface
PINS DESCRIPTI O N
PIN
ACTIVE
TYPE
DESCRIPTION
clk
-
input
Global system clock
por
Low
input
Power on Reset indicator
cmf
Low
input
Clock Monitor Fail Reset ID
prgdata[7:0]
-
input
Program memory bus input
ready
Low
input
Non-maskable interrupt input
datai[7:0]
-
input
External memory bus input
ufrdatai[7:0]
-
input
UFRs data bus input
irq
Low
input
Ready pin for CODE & DATA
xirq
Low
input
Non-maskable interrupt input
prgaddr[15:0]
-
output
Program memory address bus
prgoe
-
output
Program memory output enable
datao[7:0]
-
output
Data memory & UFR bus output
addr[23:0]
-
output
Data memory address bus
ramwe
Low
output
Data memory write enable
ramoe
Low
output
Data memory output enable
ufraddr[7:0]
-
output
FR address bus
ufrwe
Low
output
UFRs write enable
ufroe
Low
output
UFRs output enable
lir
Low
output
Load instruction register
halt
High
output
Halt clock system (STOP inst.)
clkdocd
-
input
Separate DoCD
TM Clock input
docddatai
-
input
DoCD
TM serial Data input
docddatao
-
output
DoCD
TM Serial Data Output
docdclk
-
output
DoCD
TM Serial Clock Output
prgwe
-
output
DoCD
TM Program Memory Write
* Kind of activity is configurable



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com