Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF6811CPU Datasheet(PDF) 4 Page - Digital Core Design

Part # DF6811CPU
Description  8-bit FAST Microcontrollers Family
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DF6811CPU Datasheet(HTML) 4 Page - Digital Core Design

  DF6811CPU Datasheet HTML 1Page - Digital Core Design DF6811CPU Datasheet HTML 2Page - Digital Core Design DF6811CPU Datasheet HTML 3Page - Digital Core Design DF6811CPU Datasheet HTML 4Page - Digital Core Design DF6811CPU Datasheet HTML 5Page - Digital Core Design DF6811CPU Datasheet HTML 6Page - Digital Core Design DF6811CPU Datasheet HTML 7Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
All trademarks mentioned in this document
are trademarks of their respective owners.
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
http://www.DigitalCoreDesign.com
http://www.dcd.pl
BLOCK DIAGRAM
Control Unit
- Performs the core synchroniza-
tion and data flow control. This module man-
ages execution of all instructions. The Control
Unit also manages execution of STOP instruc-
tion and waking-up the processor from the
STOP mode.
Opcode Decoder
- Performs an instruction
opcode decoding and the control functions for
all other blocks.
ALU
- Arithmetic Logic Unit performs the
arithmetic and logic operations during execu-
tion of an instruction. It contains accumulator
(A, B), Condition Code Register (CCREG),
and related logic like arithmetic unit, logic unit,
multiplier and divider.
Bus Controller
– Program Memory, Data
Memory & SFR’s (Special Function Register)
interface controls access into the program and
data memories and special registers. It con-
tains Program Counter (PC), Stack Pointer
(SP) register, INIT register (INIT), Data Page
Pointer (DPP), Stretch register (ST) and re-
lated logic.
datao(7:0)
clk
datai(7:0)
BUS
Controller
Opcode
Decoder
Control
Unit
Interrupt
Controller
irq
por
xirq
ramoe
ramwe
addr(23:0)
halt
cmf
lir
ALU
prgdata(7:0)
prgaddr(15:0)
prgoe
ufroe
ufrwe
ready
ufraddr(7:0)
ufrdatai(7:0)
DoCD
TM
Debugger
docdclk
docddatai
docddatao
prgwe
clkdocd
Interrupt Controller
- DF6811CPU has im-
plemented only an external interrupts from
pins IRQ and XIRQ. The interrupts are acti-
vated at low level (XIRQ,IRQ pins) or falling
edge (IRQ pin) and are sampled each 1 sys-
tem clock at the rising edge of CLK.
DoCD
TM - Debug Unit – it’s a real-time hard-
ware debugger provides debugging capability
of a whole SoC system. In contrast to other
on-chip debuggers DoCD™ provides non-
intrusive debugging of running application. It
can halt, run, step into or skip an instruction,
read/write any contents of microcontroller in-
cluding all registers, internal, external, pro-
gram memories, all SFRs including user de-
fined peripherals. Hardware breakpoints can
be set and controlled on program memory,
internal and external data memories, as well
as on SFRs. Hardware breakpoint is executed
if any write/read occurred at particular address
with certain data pattern or without pattern.
The DoCDTM system includes three-wire inter-
face and complete set of tools to communi-
cate and work with core in real time debug-
ging. It is built as scalable unit and some fea-
tures can be turned off to save silicon and
reduce power consumption. A special care on
power consumption has been taken, and
when debugger is not used it is automatically
switched in power save mode. Finally whole
debugger is turned off when debug option is
no longer used.
OPTIO N AL M O DULES
There are also available an optional pe-
ripherals,
not
included
in
presented
DF6811CPU Microcontroller Core. The op-
tional peripherals, can be implemented in mi-
crocontroller core upon customer request.
●
●
○
○
○
●
○
○
○
○
●
○
○
○
○
○
○
○
Four 8-bit I/O Ports
Interrupt Controller
20 interrupt sources
17 priority levels
Dedicated Interrupt vector for each interrupt
source
Main16-bit timer/counter system
16 bit free running counter
Four stage programmable prescaller
Timer clocked by internal source
Real Time Interrupt
16-bit Compare/Capture Unit
Three independent input-capture functions
Five output-compare channels
Events capturing
Pulses generation
Digital signals generation
Gated timers
Sophisticated comparator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com