Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPI-FIFO Datasheet(PDF) 2 Page - Digital Core Design

Part # DSPI-FIFO
Description  Serial Peripheral Interface Master/Slave with FIFO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI-FIFO Datasheet(HTML) 2 Page - Digital Core Design

  DSPI-FIFO Datasheet HTML 1Page - Digital Core Design DSPI-FIFO Datasheet HTML 2Page - Digital Core Design DSPI-FIFO Datasheet HTML 3Page - Digital Core Design DSPI-FIFO Datasheet HTML 4Page - Digital Core Design DSPI-FIFO Datasheet HTML 5Page - Digital Core Design DSPI-FIFO Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
KEY FEATURES
● SPI Master
○
Master and Multi-master operations
○
Two modes of operation: SPI mode and
FIFO mode
○
8 SPI slave select lines
○
System error detection
○ Mode fault error
○ Write collision error
○
Interrupt generation
○
Supports speeds up 1/8 of system clock
○
Bit rates generated 1/8 - 1/1024 of system
clock.
○
Four transfer formats supported
○
Simple interface allows easy connection to
microcontrollers
● SPI Slave
○
Slave operation
○
Two modes of operation: SPI mode and
FIFO mode
○
System error detection
○
Interrupt generation
○
Supports speeds up ¼ of system clock
○
Simple interface allows easy connection to
microcontrollers
○
Four transfer formats supported
● Two DMA Modes allows single and multi-
transfer
● In the FIFO mode transmitter and receiver
are each buffered with 16/64 byte FIFO's
to reduce the number of interrupts pre-
sented to the CPU
● Optional FIFO size extension to 128, 256
or 512 Bytes
● Fully synthesizable, static synchronous
design with no internal tri-states
CONFIGURATI O N
The following parameters of the DSPI_FIFO
core can be easy adjusted to requirements of
dedicated application and technology. Con-
figuration of the core can be prepared by ef-
fortless changing appropriate constants in
package file. There is no need to change any
parts of the code.
- enable
• FIFO Control logic
- disable
- standard 16/64
• FIFO size
- large up to 512
•
SLAVE SELECT
SETUP TIME
-
Number of CLK periods
of SSO low before SPI
starts transmission
•
SLAVE SELECT
HIGH TIME
-
Number of CLK periods
of SSO High between two
consecutive master
transmissions.
•
SLAVE SELECT
HOLD TIME
-
Number of CLK periods
of SSO low after end of
SPI master transmission
DELIVERABLES
♦
Source code:
◊
VHDL Source Code or/and
◊
VERILOG Source Code or/and
◊
Encrypted, or plain text EDIF netlist
♦
VHDL & VERILOG test bench environ-
ment
◊
Active-HDL automatic simulation macros
◊
ModelSim automatic simulation macros
◊
Tests with reference responses
♦
Technical documentation
◊
Installation notes
◊
HDL core specification
◊
Datasheet
♦
Synthesis scripts
♦
Example application
♦
Technical support
◊
IP Core implementation support
◊
3 months maintenance
●
Delivery the IP Core updates, minor
and major versions changes
●
Delivery the documentation updates
●
Phone & email support



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com