Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPI-FIFO Datasheet(PDF) 5 Page - Digital Core Design

Part # DSPI-FIFO
Description  Serial Peripheral Interface Master/Slave with FIFO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI-FIFO Datasheet(HTML) 5 Page - Digital Core Design

  DSPI-FIFO Datasheet HTML 1Page - Digital Core Design DSPI-FIFO Datasheet HTML 2Page - Digital Core Design DSPI-FIFO Datasheet HTML 3Page - Digital Core Design DSPI-FIFO Datasheet HTML 4Page - Digital Core Design DSPI-FIFO Datasheet HTML 5Page - Digital Core Design DSPI-FIFO Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
DSPI_FIFO allows direct interface to almost
any existing synchronous serial peripheral.
SPI Controller
manages the Master/Slave
operation and controls the transmission. The
SPI Controller manages the transmission
speed and format (Phase and polarity). Con-
troller is also responsible for generating of
interrupt request and detection of transmission
errors.
PERFORMANCE
The following table gives a survey about
the Core performance in the ALTERA® de-
vices after Place & Route (all key features
have been included):
Device
Speed
grade
Logic Cells
Fmax
CYCLONE
-6
324
171 MHz
CYCLONE2
-6
314
197 MHz
STRATIX
-5
324
206 MHz
STRATIX2
-3
273
313 MHz
STRATIXGX
-5
324
210 MHz
APEX2A
-7
370
178 MHz
APEX20KC
-7
369
152 MHz
APEX20KE
-1
369
115 MHz
APEX20K
-1
369
94 MHz
ACEX1K
-1
369
103 MHz
FLEX10KE
-1
369
103 MHz
Core performance in ALTERA® devices
Transfer Formats
Software can select any of four combinations of serial clock (SCK) phase and polarity using two
bits in the SPI control register (SPCR). The clock polarity is specified by the CPOL control bit,
which selects an active high or active low clock and has no significant effect on the transfer format.
The clock phase (CPHA) control bit selects one of two fundamentally different transfer formats.
The clock phase and polarity should be identical for the master SPI device and the communicating
slave device. In some cases, the phase and polarity are changed between transfers to allow a
master device to communicate with peripheral slaves having different requirements. The flexibility
of the SPI system on the DSPI_FIFO allows direct interface to almost any existing synchronous
serial peripheral.
6
6
5
5
4
4
3
3
2
21
1LSB
MSB
MSB
LSB
1
2
3
45
67
8
SC K CYC LE#
SC K (C PO L =0)
SC K (C PO L=1)
MO SI
MISO
SS
6
6
5
5
4
4
3
3
2
21
1LSB
MSB
MSB
LSB
1
2
3
45
67
8
SC K CY CLE #
SC K (C P O L =0)
SC K (C P O L =1)
MO SI
MISO
SS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com