Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPI-FIFO Datasheet(PDF) 1 Page - Digital Core Design

Part # DSPI-FIFO
Description  Serial Peripheral Interface Master/Slave with FIFO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI-FIFO Datasheet(HTML) 1 Page - Digital Core Design

  DSPI-FIFO Datasheet HTML 1Page - Digital Core Design DSPI-FIFO Datasheet HTML 2Page - Digital Core Design DSPI-FIFO Datasheet HTML 3Page - Digital Core Design DSPI-FIFO Datasheet HTML 4Page - Digital Core Design DSPI-FIFO Datasheet HTML 5Page - Digital Core Design DSPI-FIFO Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
D
DS
SP
PII_
_F
FIIF
FO
O
Serial Peripheral Interface
Master/Slave with FIFO
ver 1.07
OVERVIEW
The DSPI_FIFO is a fully configurable SPI
master/slave device, which allows user to
configure polarity and phase of serial clock
signal SCK.
The DSPI_FIFO allows the microcontroller
to communicate with serial peripheral devices.
It is also capable of interprocessor communi-
cations in a multi-master system. A serial
clock line (SCK) synchronizes shifting and
sampling of the information on the two inde-
pendent serial data lines. DSPI_FIFO data are
simultaneously transmitted and received.
The DSPI_FIFO is a technology independ-
ent design that can be implemented in a vari-
ety of process technologies.
The DSPI_FIFO system is flexible enough
to interface directly with numerous standard
product peripherals from several manufactur-
ers. The system can be configured as a mas-
ter or a slave device. Data rates as high as
CLK/8. Clock control logic allows a selection
of clock polarity and a choice of two funda-
mentally different clocking protocols to ac-
commodate most available synchronous serial
peripheral devices. When the SPI is config-
ured as a master, software selects one of
eight different bit rates for the serial clock.
The DSPI_FIFO automatically drive se-
lected by SSCR (Slave Select Control Regis-
ter) slave select outputs (SS7O – SS0O), and
address SPI slave device to exchange serially
shifted data. Error-detection logic is included
to support interprocessor communications. A
write-collision detector indicates when an at-
tempt is made to write data to the serial shift
register while a transfer is in progress. A mul-
tiple-master mode-fault detector automatically
disables DSPI_FIFO output drivers if more
than one SPI devices simultaneously attempts
to become bus master.
The DSPI_FIFO supports two DMA
modes: single transfer and multi-transfer.
These modes allow DSPI_FIFO to inter-
face to higher performance DMA units,
which can interleave their transfers be-
tween CPU cycles or execute multiple
byte transfers.
DSPI_FIFO
is fully customizable, which
means it is delivered in the exact configuration
to meet users’ requirements. There is no need
to pay extra for not used features and wasted
silicon.
It includes fully automated testbench
with complete set of tests allowing easy
package validation at each stage of SoC de-
sign flow.
APPLICATIONS
● Embedded microprocessor boards
● Consumer and professional audio/video
● Home and automotive radio
● Digital multimeters


Similar Part No. - DSPI-FIFO

ManufacturerPart #DatasheetDescription
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
logo
Microchip Technology
DSPIC MICROCHIP-DSPIC Datasheet
8Mb / 20P
16-bit Embedded Control Solutions PIC24 Microcontrollers dsPIC Digital Signal Controllers
11/27/12
DSPIC24H MICROCHIP-DSPIC24H Datasheet
988Kb / 80P
Flash Programming Specification
2007
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 248P
General Purpose and Sensor Families High-Performance Digital Signal Controllers
2004
DSPIC30F MICROCHIP-DSPIC30F Datasheet
3Mb / 220P
High-Performance Digital Signal Controllers
2004
More results

Similar Description - DSPI-FIFO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD50C-I TI-TLC320AD50C-I Datasheet
271Kb / 53P
SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
logo
Intel Corporation
UPI-41AH INTEL-UPI-41AH Datasheet
273Kb / 20P
UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Digital Core Design
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
I2C Bus Interface - Master/Slave
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
Serial Peripheral Interface - Slave
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
Serial Peripheral Interface
logo
Texas Instruments
TLC320AD50C-I TI1-TLC320AD50C-I_15 Datasheet
927Kb / 57P
SIGMA-DELTA ANALOG INTERFACE CIRCUITS WITH MASTER-SLAVE FUNCTION
logo
Prosoft-Technology
MVI69-MCM PROSOFT-MVI69-MCM Datasheet
405Kb / 3P
Modbus Master/Slave Network Interface Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com