Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPI-FIFO Datasheet(PDF) 3 Page - Digital Core Design

Part # DSPI-FIFO
Description  Serial Peripheral Interface Master/Slave with FIFO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DSPI-FIFO Datasheet(HTML) 3 Page - Digital Core Design

  DSPI-FIFO Datasheet HTML 1Page - Digital Core Design DSPI-FIFO Datasheet HTML 2Page - Digital Core Design DSPI-FIFO Datasheet HTML 3Page - Digital Core Design DSPI-FIFO Datasheet HTML 4Page - Digital Core Design DSPI-FIFO Datasheet HTML 5Page - Digital Core Design DSPI-FIFO Datasheet HTML 6Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2007 DCD – Digital Core Design. All Rights Reserved.
LICENSI N G
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restric-
tion except One Year license where time of
use is limited to 12 months.
● Single Design license for
○
VHDL, Verilog source code called HDL
Source
○
Encrypted, or plain text EDIF called Netlist
● One Year license for
○
Encrypted Netlist only
● Unlimited Designs license for
○
HDL Source
○
Netlist
● Upgrade from
○
HDL Source to Netlist
○
Single Design to Unlimited Designs
SYMBO L
datai(7:0)
addr(7:0)
scki
mi
si
ss
clk
rst
datao(7:0)
cs
rd
we
ss7o
ss6o
ss5o
ss4o
ss3o
ss2o
ss1o
ss0o
scko
scken
mo
so
soen
irq
rxrdy
txrdy
PINS DESCRIPTION
PIN
TYPE
DESCRIPTION
clk
input
Global clock
rst
input
Global reset
datai(7:0)
input
Data bus input
addr(1:0)
input
Processor address lines
cs
input
Chip select
rd
input
Processor read strobe
we
input
Processor write strobe
scki
input
SPI clock input
mi
input
Master serial data input
si
input
Slave serial data input
ss
input
Slave select
datao(7:0)
output
Data bus output
irq
output
Interrupt request
txrdy
output
Transmitter ready output
rxrdy
output
Receiver ready output
scko
output
SPI clock output
scken
output
SPI clock output enable
mo
output
Master serial data output
so
output
Slave serial data output
soen
output
Slave output enable
ss7o-ss0o
output
Slave select outputs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com